Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 3Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 4Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 5Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 6Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 7Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 8Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 9Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 10Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
FS970X
Rev. 4.4
7/46
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Low Battery Detection Voltage
6.7
6.8
6.9
V
VBAT Operating Current
VIN=0, 500mV Scale
RIN=1KΩ, 500Ω Scale
960
3000
μA
Sleep Current
10
30
μA
ADC Current
VIN=0
660
μA
ACOP Current
VIN=0
170
μA
Comparator Current
VIN=0.5V DC
14
μA
OSRC Source Capability
Δ
VO=-0.1V, 500Ω Scale
600
μA
Bandwidth of ACOP
Hz
DC Gain of ACOP
dB
Bandwidth of Comparator
VIN=600mVP-P SIN
VIN=40mVrms SIN
15M
500K
Hz
Hysteresis of Comparator
ENSCHMT=1
0.2
V
ACBUF Linearity Error
(RL=10MΩ, CL=30pF)
(RL=10KΩ, CL=30pF)
Gain=1
VIN=0.4Vrms, 100KHz SIN
VIN=0.4Vrms, 50KHz SIN
VIN=0.4Vrms, 20KHz SIN
VIN=0.4Vrms, 10KHz SIN calibration
VIN=0.4Vrms, 50Hz SIN
VIN=0.4Vrms, 100KHz SIN
VIN=0.4Vrms, 50KHz SIN
VIN=0.4Vrms, 20KHz SIN
VIN=0.4Vrms, 10KHz SIN calibration
VIN=0.4Vrms, 50Hz SIN
0.25
0.05
0.01
-
0.0025
0.23
0.045
0.005
-
0.07
%
ACBUF Linearity Error
(RL=10MΩ, CL=30pF)
(RL=10KΩ, CL=30pF)
Gain=10
VIN=0.04Vrms, 20KHz SIN
VIN=0.04Vrms, 10KHz SIN
VIN=0.04Vrms, 5KHz SIN
VIN=0.04Vrms, 1KHz SIN calibration
VIN=0.04Vrms, 50Hz SIN
VIN=0.04Vrms, 20KHz SIN
VIN=0.04Vrms, 10KHz SIN
VIN=0.04Vrms, 5KHz SIN
VIN=0.04Vrms, 1KHz SIN calibration
VIN=0.04Vrms, 50Hz SIN
4.3
1.14
0.27
-
0
4.4
1.14
0.27
-
0.05
%
RCTOP Linearity Error
VIN=0.2Vrms, 100Hz SIN calibration
VIN=0.2Vrms, 10KHz SIN
2.5
%
Switch Resistance:
SW1
SW2
SW3
240
700
2K
Ω
Parasitic Capacitance
12
pF
Digital Output High
IOUT=-1mA
5
V
Digital Output Low
IOUT=1mA
25
mV
Digital Input High
V
Digital Input Low
V
Note 1: If you wanna know OP-AMP Specifications, you can read attachment (1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com