Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 15 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 11Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 12Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 13Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 14Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 15Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 16Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 17Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 18Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 19Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
FS970X
Rev. 4.4
15/46
Buzzer Generator
FBP generator is controlled by ENBP. CNTBP and CMP1. The true value Chart is shown in Chart 4.
ENBP CNTBP CMP1
FBP
H
X
X
2.6 kHz
L
L
X
0, (L)
L
X
L
0, (L)
X
H
H
2.6 kHz
Chart 4. FBP true value Chart
The output of buzzer, BZR, is an open drain output. It can be connected to an external pull-up resistor to pull
the “Hi” output to the required voltage. When ENBP is “Hi” or CMP1 and CNTBP are both “Hi”, BZR will produce
approx. 2.6 kHz square-wave output to initiate buzzer. ENBP and CNTBP can be set up directly by digital
interface while the value of CMP1 is related to the measurement status. Please refer to Function Network for
details.
When ENOSCO_=0, the square-wave output of OSCO is fixed to be 2.000 MHz. When ENOSCO_=1,the fixed
output is 0. This will save VCC power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com