Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 23 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 23 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 19Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 20Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 21Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 22Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 23Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 24Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 25Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 26Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 27Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
FS970X
Rev. 4.4
23/46
As shown in Graph 7, the AC signal, inputting from RCTP and going through the rectifier, will obtain a full
differential amplifier signal from ACHO and ACLO. It will then be connected to an external RC low-pass filter
network to do the arithmetic average. The result value, a absolute average AC/DC voltage, then flows into ADC
and displays.
The full-wave rectifier of FS970X has built in the required resistor. And the rectifier diode is controlled by EXTD
to select built-in or externally connected. When EXTD=0, it means that the bandwidth of the built-in diode is
3kHz under precision of 1%. When EXTD=1, it means that the bandwidth of the external diode using 1N914 is
10kHz under precision of 1%. It can increases the bandwidth of the rectifier if using faster diode or adding a
high-frequency compensation circuitry of full-wave rectifier. The enable capability of the rectifier is controlled by
RCTEN. When RCTEN is Lo, turning off the operation amplifier will save power consumption.
CMP1
CMP1EN
ENSCHMT
CMPH
FCNT/
CAPTG
CPL
CMP1
62
Graph 8. Comparator Block-diagram.
As shown in Graph 8, comparator CMP1 can directly set the enable action of control register CMPEN1. And the
Schmidt trigger function of the comparator can be selected by enable ENSCHMT. When ENSCHMT=0, the
comparator has no delay, suitable for capacity measurement. When ENSCHMT=1, the comparator has the
delay voltage of approx. 0.1VRMS, suitable for frequency measurement.
The negative input is CPL, as shown in Chart 14. The positive input is CMPH, as shown in Chart 13. The
output flows directly into frequency counter through FCNT or controls the charge/discharge function of capacity
measurement by CAPTG (as shown in Chart 14)It can also be transferred through Pin 62 (SMP 1)by a reverser
or the logic value can be obtained by the control register. (as shown Chart 18).
10..1
Bandwidth of AC Signal
According to section 7.5,When providing appropriate frequency compensation to decay network, FS970X chip
can directly process the AC signal under the frequency of approx. 100 kHz.
If the bandwidth of AC signal is over 100 kH, the AD buffer ACBUF of FS970X will be unable to process. Thus,
setting BPACBF=1, the high-frequency signal will bypass the AC buffer, and flow out directly from ACA, as
shown in the upper left corner of Graph .
However, when the bandwidth of the signal is higher than 1 MHz, if the signal flows from SDV, through
CMPHMUX to ACA, the on/off resistor and parastic capact on the path will decay the high-frequency signal
dramatically, causing problems to frequency response.
Therefore, when processing AC signal higher than 1 MHz, setting MODE3:0=0011 will make endvo=1. At this
time, the signal of SDV, through the CMOS switch controlled by endvo, flows directly out from DVO, as shown
in the upper left corner of Graph 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com