Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 18 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 18 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 14Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 15Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 16Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 17Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 18Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 19Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 20Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 21Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 22Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
FS970X
Rev. 4.4
18/46
10..1
Area Network Switch
Combining area network switch to an external high-precision resistor becomes a measurement network. It
transfers the signal of the sensor into suitable voltage range for ADC and measures the signal. The function
decoder controls the measurement range and on/off status. See Graph 5 and Section 7.1 for details.
Take DC5V as an example, using Chart 6 as reference, setting MODE3:0=0000 and RANGE=0001 will make
onek2:0=tenk2:0=hunk2:0=000, onem2:0=011, and tenm1:0=01. When corresponding this value to the area
network of the low-left corner of Graph 5, all the switches are under open status except for tenm<0>, onem<1>,
and onem<2>. Thus, connecting to an external resistor network will make up a ten-times decay circuit to
achieve the decay function required by DC5V.
Fixed Voltage Generator
When under capacity measuring, short testing, and resistor measuring, all the required power supply is
provided by this block.
The output of this block includes Vcntd, Vsrc1, Vcapd1, Vcapd2, Vcapc2, Vcapc1, and Vrfh. The output voltage
is controlled by vsr and TBDIV, as shown below. Vsr comes from the decoding of MODE3:0 input by function
decoder. TBDIV can be directly set up by register.
INPUT
OUTPUT
vsr
TBDIV
Vrfh
Vcapc1 Vcapc2 Vcapd2 Vcapd1
Vsrc1
Vcntd
1
0
1.2 V
0.8 V
0.64 V
0.56 V
0.4 V
0.16 V
0.04 V
1
1
3.1 V
1.58 V
1.65 V
1.45 V
1.52 V
0.4 V
0.1 V
0
x
0 V
0 V
0 V
0 V
0 V
0 V
0 V
Chart 7. Voltage output of fixed voltage generator.
When TBDIV=0, the block refers to the voltage of REFH, as shown in Chart 7, REFH=1.2V. And if REFH =
0.6V, the voltage generated are 0.6V, 0.4 V, 0.32 V, 0.28 V, 0.2 V, 0.08 V, and 0.02 V. When TBDIV=1, it refers
to the voltage of VDD, as shown in Chart 7, which is the voltage output of VDD voltage being 3.1 V under
normal condition.
Vrfh is the reference voltage of ohm power supply when measuring resistance and capacity. Vcapc1 and
Vcapd1 are respectively the reference voltage of charge/discharge comparator Vcapc1 (charging) and Vacpd1
(discharging) when measuring capacity. Vcapc2 and Vcapd2 are the second set of reference voltage of
charge/discharge comparator. According to the measuring capacity range, one set of the reference voltage can
be selected by CAPM setup of register. (See Chart 14 for details). Vcntd is the reference voltage of comparator
under short testing. There is no special function of Vsrc1, users can customize it according to their needs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com