Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS970X Datasheet(PDF) 11 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 11 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 7Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 8Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 9Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 10Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 11Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 12Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 13Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 14Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 15Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
FS970X
Rev. 4.4
11/46
8.
Regulator
FS970x Regulator
REFH
GNDR
VDDP
S81250
OUT
IN
20 uF
20 uF
VDD
VSS
9V Battery
VBAT
AGND
20 uF
VCC
VDDP
ENGNDR_
VDD
52
53
50
32
Graph 1. FS970X Regulator Block-diagram
FS970X Regulator, as shown in Graph 1, needs to be connected with a S81250 low-cost regulator to convert
the battery voltage above 6.8V to VDD voltage of approx. 6.3V. There are two functions of VDD power: one is
the positive voltage (negative voltage to be VSSA) of analog circuit (or regulator), and the other is as the
reference voltage of regulators.
The power of the digital circuit in the chip is supplied by VCC. The digital signal ground is VSSD. The digital
signal ground VSSD and negative supply of analog circuit VSSA in the chip are connected by chip foundation of
thousand ohms.
As shown in Graph 1, the FS970X regulator circuit refers respectively to the voltage of VDDP and REFH; at the
same time, adjusting to the voltage of VCCR, GNDR and VSS to supply the chip. If VSS is set to be 0V, the
voltage of VCCR and GNDR will be 5V and 3.2V. This analog supply can directly supply AD737 to enable the
meter to measure the true root mean square of AC signal.
The supply source of FS970X can be selected by users, either from the chip itself or from external connection.
The analog supply within the chip is provided by VDDA, AGND and VSSA. Thus, directly feeding the output of
regulator VCCR, GNDR and VSS into VCC, AGND and VSSA will supply the chip itself. If the system has its
own supply, it can be connected directly to VCC, AGND and VSSA, instead of using VCCR and GNDR.
The power consumption of analog is static DC current, with an equivalent DC power consumption. The major
reason that will affect this DC power consumption is the change between each function. The power
consumption of FS970X analog parts is designed to be under 1.2mA and the digital parts under 0.5mA.
To be even more stringent on power consumption design under saving mode, connecting the chip’s analog
supply VDDA to VDDS will reduce the idle VDDA consumption to 0 under saving mode. For details about VDDS,
please see 5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com