Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS9721_LP3 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
FS9721_LP3
Rev. 2.1
3/39
Contents
1.
INTRODUCTION ........................................................................................................................................4
2.
FEATURES.................................................................................................................................................4
3.
MEASURABLE MODES.............................................................................................................................4
4.
APPLICATION FIELD.................................................................................................................................5
5.
BLOCK DIAGRAM .....................................................................................................................................5
6.
PIN DIAGRAM............................................................................................................................................6
7.
PIN DESCRIPTION ....................................................................................................................................6
8.
DICE PAD LAYOUT & PAD COORDINATE ...............................................................................................9
9.
TECHNICAL SPECIFICATION(
(
(
(VDD=3V,
,
,
,TA=25℃
℃
℃
℃
)
)
)
) .......................................................................... 10
10. MEASUREMENT MODE SELECT ........................................................................................................... 11
11. KEYS DEFINITION................................................................................................................................... 13
12. OTHER FUNCTIONS ............................................................................................................................... 14
13. RS232 TRANSMISSION PROTOCOL ..................................................................................................... 14
14. LCD DISPLAY -- FS9721_LP3(C2=LCDC2, C1=LCDC1) ....................................................................... 15
15. APPLICATION DESCRIPTION ................................................................................................................ 16
15.1
Common Use Circuitry ............................................................................................................... 16
16. PACKAGE OUTLINE................................................................................................................................ 33
17. DEMO BOARD ......................................................................................................................................... 34
18. ORDERING INFORMATION..................................................................................................................... 38
19. REVISION HISTORY ................................................................................................................................ 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com