Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 12 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 12 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 16Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
FS9721_LP3
Rev. 2.1
12/39
1
0
1
0
DCV
No mV Mode
V/
Hz/Duty
Switch
●
●
●
J4
1
0
0
1
②
ACV
V/
Hz/Duty
Switch
●
●
●
J4
1
0
1
1
DCmV
V/Hz/Duty Switch
●
●
J3
1
0
0
0
③
10A
DCA/ACA Switch
A/Hz/Duty Switch
●
●
●
●
J2
1
1
1
0
③
mA
DCmA/ACmA
Switch
mA/Hz/Duty
Switch
●
●
●
●
J2, J9
1
1
0
0
③
μA
DCμA/ACμA
Switch
μA/ Hz/Duty
Switch
●
●
●
●
J2,
J10
0
1
1
1
Cap
●
●
J3, J5
0
1
0
1
Hz/
④
Duty
Hz/Duty Switch
●
J6, J8
0
0
1
1
Input
from
ADP
Refer to table
10.2
0
0
1
0
0
0
0
1
0
0
0
0
0
1
1
0
Input
from
⑤
ADP
0
1
0
0
ACA
400.A/4000A
Notes: ① In “Jumper” column, JX means the JX of the measurement is connected in the common use circuitry
of Diagram 6 and Diagram 7.
② In auto mode, it has to press Range key for ACV mode to select ACmv measurement.
③ TSTB=1, the current is input with 400mV/4V; TSTB=0, the current is input with 40mV/400mV. For
details, please refer to “15.13 Current Measurement”.
④ The Mode is to input measuring Hz/Duty with ADP path.
⑤ ADP can input 400.0mV/40.00mV, autoranging, display 4000, 400.0.
10.2 ADP Input and Self-defined Symbol and Decimal Location (MEA1〜MEA4: Open is “1”; Connect to VSS is “0”)
MEA4
MEA3
MEA2
MEA1
Range of
Input
Voltage
Inpurt
Channel
Decimal
Location
Symbol
Location
Symbol
0
0
1
1
±400mV
ADP
4000
Decided
by
LCDC1
and
LCDC2
Users
Self-defined
0
0
1
0
400.0
0
0
0
1
40.00
0
0
0
0
4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com