Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 18Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
FS9721_LP3
Rev. 2.1
14/39
12. Other Functions
12.1
Auto Power Off
In the process of measuring, no matter the function key or switch, if there is no any action on them
within 30 minutes, the meter will be “Auto Power Off” (Standby Mode). In auto power off status to
press the function key or switch, the meter will be “Auto Power On” (Operating Mode). To press
and hold the “SELECT” key to turn the system on, the auto power off function will be cancelled.
In RS232 operation mode, the auto power off function wil be cancelled.
12.2
Buzzer
When press any key or turn any function switch, the buzzer will raise one sound (approx. 0.25
second 〜1 second). When doing the open-short test, if the resistance is smaller than 50Ω, the
buzzer will sound.
12.3
Backlight
The system has the backlight driver output to control the on and off of the backlight circuit. It
provides the convenience to read in a dim light and worse vision. If press the Hold/BLCTR key
over approx. 2 seconds, the backlight will be on, and to press the key again over 2 seconds, the
backlight will be off.
12.4
Serial Data Output
The system has the serial data output function. When the meter is connected with the equipment
that has serial input interface (RS232) such as computer, it can output the measuring data for
recording, analyzing, processing and printing the measuring results.
13. RS232 Transmission Protocol
13.1
Direction: One-way to computer.
13.2
Serial Transer Rate: 2400 bps
13.3
Data Bit: 8 bit.
13.4
Odd and Even Calibration: No
13.5
Data Decimal: Hex
13.6
Data Length: 14 Bytes.
13.7
Data Information: LCD table on-off information.
13.8
Data Format:
1st byte → 1X (X is seg1, 4 bits represent the data on the LCD table)
2nd byte→ 2X (X is seg2, 4 bits represent the data on the LCD table)
3rd byte → 3X (X is seg3, 4 bits represent the data on the LCD table)
and so on
1X → 4 bit,
2X→ 4 bit ,
3X→ 4 bit
……………
EXH→ 4it
13.9
X means: Bit3〜Bit 0→ segn (COM4―COM1)
13.10 Sampling Rate: 40KHz
13.11 ADC Output Frequency: 40Hz
13.12 ADC Output Frequency After Average: 10Hz
13.13 Output Frequency After Auto-Zero: 4Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com