Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
FS9721_LP3
Rev. 2.1
9/39
8.
Dice Pad Layout & Pad Coordinate
1
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
78
36, first bonding
Substrate should be connected to VSS.
Pad opening: 90µm.
Chip size: 3.24mm×2.58mm.
Diagram 3
78PIN Dice
PadNo
Name
X[mm]
Y[mm]
PadNo.
Name
X[mm]
Y[mm]
1
OP2N
0.264
0.077
40
CB
2.974
2.495
2
OP2O
0.404
0.077
41
CA
2.834
2.495
3
ADIP
0.544
0.077
42
VGG
2.694
2.495
4
ADIN
0.669
0.077
43
VDDA
2.569
2.495
5
SA
0.794
0.077
44
RLCD
2.444
2.495
6
SGND
0.919
0.077
45
XIN
2.319
2.495
7
ADP
1.044
0.077
46
XOUT
2.194
2.495
8
DT
1.169
0.077
47
TXD
2.069
2.495
9
SMV
1.294
0.077
48
SEG14
1.923
2.495
10
CRES1
1.419
0.077
49
SEG13
1.798
2.495
11
RL
1.544
0.077
50
SEG12
1.673
2.495
12
N.C
1.669
0.077
51
SEG11
1.548
2.495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com