Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
FS9721_LP3
Rev. 2.1
13/39
10.3 Located Self-defined Symbol in LCD by the assembly of LCDC1 and LCDC2
LCDC1
LCDC2
Symbol Location
Description
0
0
COM1,SEG14
LCDC1 and LCDC2: Open is “1”; Connect to VSS is
“0”
1
0
COM2,SEG14
0
1
COM3,SEG14
1
1
COM4,SEG14
10.4 The Function of ADPC1 and ADPC2 in ADP Input (ADPC1 and ADPC2: Open is “1”; Connect to VSS is “0”)
ADPC1
ADPC2
DC/AC Status
ADP Max. Input
Voltage
1
1
DC
400mV
1
0
AC
0
1
DC
40mV
0
0
AC
11. Keys Definition
11.1 Range (Auto/Manual Measurement Switch)
Range key is the auto/manual measurement key that acts with trigger. Power-on default is auto
measurement, and press one time to switch to the manual measurement. In manual measurement
mode, the system will jump up one mode for each press until the highest mode, then return to the
lowest mode as a loop. If press the key over 2 seconds, the system will switch back to auto
measurement
status.
Frequency
and
capacitance
measurement
cannot
use
manual
measurement.
11.2 Hold/BLCTR (Reading Hold/Backlight Control)
Hold/BLCTR key is the reading hold /backlight control key that acts with trigger. The function is to
hold the display of reading/backlight control. To press the key, the display value will be locked and
keep unchanged. To press the key again, the locked status will be erased and enter the normal
measurement status. When press and hold the key over 2 seconds, the backlight will be on. In the
backlight on status, press the key over 2 seconds, the backlight will be off.
11.3 Rel (Relative Value Measurement)
Rel key is the relative value measurement key that acts with trigger. Except Hz/Duty, Diode and
Continuity, other functions can do the relative value measurement.
11.4 Select (Function Switch)
Select is the function select key that acts with trigger. Use the key as measuring functions select.
11.5 RS232 (Serial Output Control)
RS232 is the serial output control key that acts with lock. When the key is close, LCD displays
RS232 symbol that means the meter enters the data transmission status, and is able to transfer
the data out; when the key is open, it will exit and the data transmission status will stop.
11.6 Hz/Duty (Frequency/Duty Cycle)
Hz/Duty is the Frequency/Duty Cycle select key that acts with trigger. In frequency measurement
mode, press the key can select frequency or duty cycle measurement mode; in AC/DC voltage or
AC/DC current mode, press the key can proceed to Voltage/Frequency/Duty Cycle or
Current/Frequency/Duty Cycle measurement mode select.
11.7 Reset (Reset key)
Reset is the reset key that acts with trigger. Press the key to make the microprocessor to reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com