Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 19 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 19 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 23Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
FS9721_LP3
Rev. 2.1
19/39
15.1.2
FS9721_LP3 (Diagram 6, Diagram 7) Components List
No.
Spec.
No.
Spec.
No.
Spec.
No.
Spec.
No.
Spec.
R1
100kΩ
R13
28.5kΩ
R25
1.111MΩ
C6
10nF
D2
1N914
R2
1MΩ
R14
22kΩ
R26
10.000MΩ
C7
27nF
D3
Send
R3
200kΩ
R15
100kΩ
R27
100kΩ
C8
0.47μF
D4
Receiv
e
R4
82kΩ
R16
9.99Ω
R28
0.01Ω
C9
27nF
VR1
10kΩ
R5
220Ω
R17
990Ω
R29
1MΩ
C10
0.47μF
VR2
2kΩ
R6
20kΩ
R18
100kΩ
R30
1kΩ
C11
4.7nF
LCD
LCD
R7
10kΩ
R19
900kΩ
R31
1kΩ
C12
27nF
XTA
L
4MHz
R8
40kΩ
R20
100kΩ
C1
10μF
C13
27nF
IC
FS9721
_LP3
R9
90kΩ
R21
57.4kΩ
C2
10μF
C14
47nF
Batt
ery
1.5V×2
R10
100kΩ
R22
1.001kΩ
C3
10μF
C15
10μF
BP1
Buzzer
R11
100kΩ
R23
10.010kΩ
C4
10μF
C16
0.1μF
PTC
1kΩ
R12
22kΩ
R24
101.010kΩ
C5
10μF
D1
1N914
Note: The technical instructions such as the accuracy, duty and press-proof of resistance and capacitance
components are not marked in the common use circuitry and the components list, they depends on
users’ actual needs when designing the products.
15.2
Power System
C7
10μF
C3
10μF
C1
10μF
C8
10μF
C2
10μF
3V
BT1
REFI
REFO
VDDA
VB
VGG
CA
CB
VDD
AGND
VSS
FS9721_LP1
R10
40k
R7
20k
R2
200k
R3
82k
VR2
10k
RLCD
C16
0.1μF
Diagram 8
Power Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com