Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
FS9721_LP3
Rev. 2.1
7/39
Measurement
19
NC
Empty Pin
20
15
TENK
I/O
Resistance
10.010KΩ
Connecting
Point
of
Voltage
and
Resistance Measurement
21
NC
Empty Pin
22
16
HUNK
I/O
Resistance
101.010KΩ
Connecting
Point
of
Voltage
and
Resistance Measurement
23
NC
Empty Pin
24
17
ONEM
I/O
Resistance 1.111MΩ Connecting Point of Voltage and Resistance
Measurement
25
NC
Empty Pin
26
18
TENM
I/O
Resistance
10.000MΩ
Connecting
Point
of
Voltage
and
Resistance Measurement
27
19
CRES2
I/O
Capacitance Connecting Point of Regulated Voltage Source of
Voltage and Resistance Measurement
28
20
TSTB
I
Current
Measurement
Mode
Select
(See
15.13
“Current
Measurement”)
29
21
ADPC1
I
Max. Input Voltage 400mV/40mV Select (See 10.4)
30
22
ADPC2
I
Measure Signals DC/AC Select (See 10.4)
31
23
SELECT
I
Measurement Function Select
32
24
RANGE
I
Auto/Manual Switch Select
33
25
REL
I
Hold Relative Value
34
26
HOLD
I
Reading Hold/ Backlight Control
35
27
HZ/DUTY
I
Frequency/Duty Cycle Measurement Select
36
28
CAP
I
Capacitance Measurement Function Select
37
29
MEA4
I
Measurement Function Select
38
30
MEA3
I
Measurement Function Select
39
31
MEA2
I
Measurement Function Select
40
32
MEA1
I
Measurement Function Select
41
33
LCDC1
I
Self-defined Symbol Display Assembly with LCDC2 (See 10.3)
42
34
LCDC2
I
Self-defined Symbol Display Assembly with LCDC1 (See 10.3)
43
35
TSTA
I
Testing Pin
44
36
VSS
I
The Negative Input of Power Source
45
NC
Empty Pin
46
37
AGND
I
Analog Signal Ground Connection
47
NC
Empty Pin
48
38
VDD
I
The Positive Input of Power Source
49
NC
Empty Pin
50
NC
Empty Pin
51
NC
Empty Pin
52
39
VB
I
Bias Current Input
53
NC
Empty Pin
54
40
CB
I/O
The Negative Connecting Point of Double Voltage Capacitance
55
41
CA
I/O
The Positive Connecting Point of Double Voltage Capacitance
56
42
VGG
O
Double Voltage Circuit Output
57
NC
Empty Pin
58
43
VDDA
O
Regulated Power Output/Analog Power Source
59
44
RLCD
I
The Connecting Point of LCD Driver Voltage Adjusting Resistance
60
NC
Empty Pin
61
45
XIN
I
Oscillator Connecting Point
62
46
XOUT
O
Oscillator Connecting Point
63
NC
Empty Pin
64
47
TXD
O
RS232 Serial Data Output
65
NC
Empty Pin
66
48
SEG14
O
Segment 14
67
49
SEG13
O
Segment 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com