Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 38 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 38 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 39Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
FS9721_LP3
Rev. 2.1
38/39
0
1
0
1
Hz/Duty Cycle *1
Hz/Duty
0
0
D1
D0
ADP *2
0
1
1
0
ADP *3
0
1
0
0
ACA (400.0,4000)
17.2.13.1
Hz and Duty Cycle measurements take ADP measuring path as input terminal.
17.2.13.2
ADP is single ADC positive input point. The range of measuring voltage is
±400mV. LCD decimal location is decided by D1 and D0. 11 means no decimal,
01 means 40.00, 10 means 400.0 and 00 means 4.000 that display with one unit.
17.2.13.3
ADP can be 400.0mV/40.00mV autoranging to display respectively 4000 and
400.0.
17.2.13.4
When TSTB=1, the current mode is as FS9711_LP3 to input 400mV/4V; when
TSTB=0, the current mode is as FS9711B to input 40mV/400mV.
17.2.14FS9721_LP3 Measurement Mode and Jumper Setup: (1 Pin = TSTB Open)
MEA4 MEA3 MEA2 MEA1
Mode
Jumper
Input
1
1
1
1
DC/AC Voltage
(including DC mV mode)
J2
V/Diode/OHM/CAP, COM
1
1
0
1
Ohm/Diode/Cont./CAP
J1,J3
V/Diode/OHM/CAP, COM
1
0
1
0
DC Voltage
(no DC mV voltage mode)
J2
V/Diode/OHM/CAP, COM
1
0
0
1
AC Voltage
J2
V/Diode/OHM/CAP, COM
1
0
1
1
DC mV mode
J1
V/Diode/OHM/CAP, COM
1
0
0
0
10A *4
J3,J8
V/Diode/OHM/CAP, COM
1
1
1
0
mA *4
J3,J8
V/Diode/OHM/CAP, COM
1
1
0
0
µA *4
J3,J8
V/Diode/OHM/CAP, COM
0
1
1
1
Capacitance Mode
J1,J3
V/Diode/OHM/CAP, COM
0
1
0
1
Hz/ Duty Cycle *1
J4, J6
ADP/ADP1,COM
0
0
D1
D0
ADP *2
J6
ADP/ADP1, COM
0
1
1
0
ADP *3
J6
ADP/ADP1, COM
0
1
0
0
ACA (400.0,4000)
J3,J8 V/Diode/OHM/CAP, COM
18. Ordering Information
Product Number Description
Package Type
FS9721_LP3
Die form (78 pins)
FS9721_LP3
100-pin QFP (Not Pb free package)
FS9721_LP3-PCE Pb free package part number.
100-pin QFP (Pb free package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com