Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
FS9721_LP3
Rev. 2.1
6/39
6.
Pin Diagram
31
SELECT
32
RANGE
33
REL
34
HOLD
35
HZ/DUTY
36
CAP
37
MEA4
38
MEA3
39
MEA2
40
MEA1
41
LCDC1
42
LCDC2
43
TSTA
44
VSS
45
NC
46
AGND
47
NC
48
VDD
49
NC
50
NC
81
COM2
82
COM3
83
COM4
84
ENTX
85
BEEPER
86
BLOUT
87
RST
88
NC
89
REFI
90
REFO
91
FTA
92
NC
93
FTB
94
FTC
95
TSTC
96
OP1N
97
NC
98
OP1O
99
NC
100
OP2P
FS9721_LP3
FS9721_LP3
FS9721_LP3
FS9721_LP3
Diagram 2
100PIN Package
7.
Pin Description
Package
100
Pad
78
SYMBOL
I/O
Description
1
1
OP2N
I
The Negative Input of DC/AC Converter Operation Amplifier
2
NC
Empty Pin
3
2
OP2O
O
Output of DC/AC Converter Operation Amplifier
4
3
AD1P
I
ADC Positive Input of AC Measurement
5
NC
Empty Pin
6
4
AD1N
I
ADC Negative Input of AC Measurement
7
NC
Empty Pin
8
5
SA
I
ADC Input of Current Measurement
9
6
SGND
I
ADC Negative Input of Analog Ground Connection
10
7
ADP
I
Additional ADC Positive Input
11
8
DT
I/O
Connecting Point of Voltage Division Resistance of Diode
Measurement
12
NC
Empty Pin
13
9
SMV
I
High Resistance Voltage Input / ADC Positive Input of Resistance
Measurement / Connecting Point of Voltage Division Resistance of
Diode Measurement
14
10
CRES1
I/O
Wave Filter Capacitance Connecting Point of Measuring Point of
Resistance Measurement
15
11
RL
I
The
Negative
Input
of
Voltage
Reference
of
Resistance
Measurement
16
12
NC
Empty Pin
17
13
RCAP
I/O
Calibrating
Resistance
Connecting
Point
of
Capacitance
Measurement
18
14
ONEK
I/O
Resistance 1.001KΩ Connecting Point of Voltage and Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com