Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 11 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 11 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 15Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
FS9721_LP3
Rev. 2.1
11/39
FLCD
LCD Frame Frequency
32
Hz
VLCD
LCD Pk-Pk Driver Voltage
2.8
3
3.2
V
FBEEP
Beeper Frequency
2.7
kHz
FRS232
RS232 Baud Rate
2400
bit
IRSOUT
RS232 Output High Current
VOH=2V
2
mA
Zero Input Reading
DC ADPxl
Input=0V
-0.001
0.000
0.001
Linearity (Max. Deviation
From Best Straight Line Fit
DC ADPxl,
Input,Full
Scale±240.0mV
-1
0
+1
Counts
AC Measurement Bandwidth
Error
AC ADPxl
Input240mVrms
20Hz~1kHz
0.2
%
Rcc
Continuity Check Value
10
60
Ohm
ADC Measurement O.L
Display Count
4050
Counts
Autorange Up Counts
4000
Counts
Autorange Down Counts
360
Counts
VFREA
Frequency Counter Input
Level (Hz/Duty Control)
VIL(Relative to
AGND)
-60
mV
VIH(Relative to
AGND)
60
mV
FMAXA
Frequency Counter Max
Input frequency (Hz/Duty
Control)
Vpp=±100mV
Square Wave
Input
500k
Hz
*1
Duty Measurement Min
Pulse Width Error (Hz/Duty
Control)
Vpp=±100mV
Square Wave
Input
1
μS
VFRED
Frequency Counter Input
Level (MEAS=0101)
VIL(Relative to
AGND)
-600
mV
VIH(Relative to
AGND)
600
mV
FMAXD
Frequency Counter Input
Level (MEAS=0101)
Vpp=±600mV
Square Wave
Input
5M
Hz
*1
Duty Measurement Min
Pulse Width
Error(MEAS=0101)
Vpp=±600mV
Square Wave
Input
100
nS
Capacitor Measurement
Accuracy after Zero Input
Relative. To adjust with
512.0nF Mode Standard
51.20 nF Mode
2%+10
Counts
512.0 nF Mode
0.5%+3
Counts
5.120 μF Mode
1%+2
Counts
51.20 μF Mode
1.5%+2
Counts
*1 If input square wave during duty cycle measurement, then the deviation is mainly from the analyzable pulse
width of the comparator itself. If the value is an input 100kHz square wave, we can divide the square wave into
1000 parts (1000Counts), and each part is 10nS. Therefore the largest deviation in duty cycle measurement is
(100nS/10nS)=10Counts. The output 50.0% signal may be measured 50.0%±1.0%, and the signal that larger
than 99% or smaller than 1% may not be measured, then it will display 0.00%.
10. Measurement Mode Select
10.1 Measurement Mode Select (MEA1〜MEA4: Open is “1”; Connect to VSS is “0”)
ME
A4
ME
A3
ME
A2
ME
A1
Measurement Function and
SELECT Key Function Switch
Hz/Duty
Rel
Hold Range Select
Jumper
①
1
1
1
1
②
DCV/ACV
DCV/ACV Switch
V/Hz/Duty Switch
●
●
●
●
J4
1
1
0
1
Ohm/Diode/Co
nt./Cap
CAP=1:Ohm/ Diode
/Cont. Switch
CAP=0:Ohm/
Diode/Cont.
/Cap Switch
●
●
Ohm
●
●
J3, J5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com