Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 30 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 30 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 34Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
FS9721_LP3
Rev. 2.1
30/39
In TSTB connecting to VSS mode, the current signal enters IC from SA.
When doing the current measurement, The sampling resistance of μA mode is R16+R17+R28, the
sampling resistance of mA mode is R16+R28, and the sampling resistance of 10A mode is R28. They are
measured respectively through the mode switch. When measuring μA, J1 is open and J7 is close; when
measuring mA, J7 is open and J1 is close; the large current enters directly via 10A port.
The maximum reduced voltage for μA, mA and 10A modes is 4V.
These voltages are input voltage comparator to compare. If the voltage is smaller than 40mV, it will be sent
to ×10 times ampifier to amplify, then sent to A/D converter; if the voltage is larger than 40mV, the system will
work the auto-ranging signal, and jump up one mode under the control of microprocessor and send the current
signal directly to the A/D converter.
The accuracy of resistance R16, R17, R28, R7 and R19 affects the accuracy of the current measurement.
15.11
Resistance Measurement
J5
J3
Ohm
COM
TENM
ONEM
HUNK
TENK
ONEK
SMV
SGND
FS9721_LP3
AGND
PTC
1K
CRES1
C13 27nF
R19 900k
R22 1k
R23 10k
R24 101.01k
R26 10M
R25 1.111M
Rx
R20 100k
RL
R31 10k
Diagram 28
Resistance Measurement
Resistance measurement refers to the standard resistance, and then takes a comparison between measuring
resistance and standard resistance to get the measuring resistance value. The standard resistance of 40MΩ mode is
10MΩ (R26). The standard resistance of other modes are R26 to parallel respectively with R25, R24, R23 and R22
to get 1MΩ, 100kΩ, 10kΩ, 1kΩ resistance. When doing resistance measurement, internal IC will generate 0.4V
voltage (relative to AGND), and the voltage is output respectively through resistance R26, R25, R24, R23 and R22 to
the measuring resistance to do the comapring measurement.
R20 connects to RL, which is the negative input of the voltage reference that is gotten by the standard
resistance.
J3 and J5 are mode switches. When doing resistance measurement, J3 and J5 are close.
C13 is the wave filter capacitance of measuring point in resistance measurement.
15.12
Diode Test
TENM
ONEK
SMV
DT
SGND
FS9721_LP3
J5
J3
VD
Diode
COM
PTC
1k
R26
10M
R18
100k
R19
900k
R22
1k
R31
10k
Diagram 29
Diode Measurement
Diode test generates 1.5V voltage from internal IC and outputs it through R22, then adds it to the positive of diode
through PTC. The positive voltage reduction VD generated by diode is approx. 0.5V-0.7V. VD is divided by R20 and
R19 to be 1/10 VD, then is amplified 10 times by internal OP and is delivered to A/D before displaying the VD value. J3
and J5 are mode switches. When doing diode measurement, J3 and J5 are close.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com