Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 32 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 32 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 36Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
FS9721_LP3
Rev. 2.1
32/39
15.14
Capacitance Measurement
R21
57.4k
R19
900k
RCAP
SMV
SGND
PTC
1k
Cap
COM
CX
FS9721_LP3
J3
J5
DO-
DO+
DO-
DO+
CMP
DO+
DO-
+
-
VDD
AGND
3/4VDD
1/4VDD
R31
10k
Input Typical Waveforms
3/4VDD
1/4VDD
VDD
Tdo
Diagram
31
Capacitance Measurement
Capacitance measurement is to charge/discharge the measuring capacitance through R21 to form a
oscillation, then calculate the cycle of oscillation to get the capacitance value. To adjust R21 can calibrate the
value in capacitance measurement. J3 and J5 are mode switches. When doing capacitance measurement, J3
and J5 are close.
15.15
Frequency Measurement
ADP
SGND
R29
1M
COM
Hz
FS9721_LP3
R27
100k
J6
J8
PTC
1k
R31
10k
C15
10uF
Diagram
32
Frequency Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com