Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 28 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 28 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 32Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
FS9721_LP3
Rev. 2.1
28/39
15.9
Voltage Measurement
VR1
10k
PTC
1k
REFI
REFO
TENM
ONEM
HUNK
TENK
ONEK
SGND
FS9721_LP3
COM
V
V
R8 40k
R620k
R25 1.111M
R24 101.01k
R23
10k
R22
1k
R26 10M
R31
10k
Diagram 24
Voltage Measurement
When doing the voltage measurement, the measuring voltage is input from resistance R26 and DCmV is
not divided but enter IC directly; the voltages of 4V, 40V, 400V, 1000V modes are divided by R25, R24, R23,
R22 and R26 to gain 1/10, 1/100, 1/1000, 1/10000 input voltages, then enter IC. To adjust the resistance value
of VR1 can do the calibration of the measurement.
The voltage division diagram of voltage measurement is as below:
Vout=0.1V
Vout=0.1V
Vout=0.1V
Vout=0.1V
Vin=1V
Vin=10V
Vin=100V
Vin=1000V
R26
10M
R26
10M
R26
10M
R26
10M
R25
1.111M
R24
101.01k
R23
10k
R22
1k
Diagram 25
Voltage Division Circuitry
The formula of voltage division is:
Vout=Vin x [Rs/(R26+Rs)]
Rs is R25, R24, R23 or R22.
Therefore, the accuracy of R22, R23, R24, R25 and R26 decides the accuracy of the measurement.
ACmV Voltage enters IC through R26 and is divided by R25 and R26 to get 1/10 voltage, then is amplified
10 times to fulfill the measurement, so the accuracy of R9 and R7 also determines the measuring accuracy of
AcmV voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com