Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 18 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 18 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 22Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
FS9721_LP3
Rev. 2.1
18/39
15.1.1
FS9721_LP3 Technical Description and the Relationship of its Components
Network
Current Mode /10
(R19:R18=9:1)
TSTB Open
Current Mode×10
(R9:R7=9:1)
TSTB connect to VSS
AC
Measurement
R13+VR2
R12=R14
Voltage
Reference
(R8,R6,
VR1)
DC 400mV
R26
No
No
No
Yes
DC 4V
R25/(R26+R25)=1/10
No
No
No
Yes
DC 40V
R24/(R26+R24)=1/100
No
No
No
Yes
DC 400V
R23/(R26+R23)=1/1000
No
No
No
Yes
DC 1000V
R22/(R26+R22)=1/10000
No
No
No
Yes
AC 400mV
R25/(R26+R25)=1/10,
R9:R7=9:1
No
No
Yes
Yes
AC 4V
R25/(R26+R25)=1/10
No
No
Yes
Yes
AC 40V
R24/(R26+R24)=1/100
No
No
Yes
Yes
AC 400V
R23/(R26+R23)=1/1000
No
No
Yes
Yes
AC 1000V
R22/(R26+R22)=1/10000
No
No
Yes
Yes
R 400Ω
R26//R22=1kΩ
No
No
No
No
R 4kΩ
R26//R22=1kΩ
No
No
No
No
R 40kΩ
R26//R23=10kΩ
No
No
No
No
R 400kΩ
R26//R24=100kΩ
No
No
No
No
R 4MΩ
R26//R25=1MΩ
No
No
No
No
R 40MΩ
R26=10MΩ
No
No
No
No
DC 400μA
R17+R16+R28=1kΩ
(100Ω)
No
Yes
No
Yes
DC
4000μA
R17+R16+R28=1kΩ
(100Ω)
Yes
No
No
Yes
DC 40mA
R16+R28=10Ω(1Ω)
No
Yes
No
Yes
DC 400mA
R16+R28=10Ω(1Ω)
Yes
No
No
Yes
DC 10A
R28=0.01Ω
No
Yes
No
Yes
AC 400μA
R17+R16+R28=1kΩ
(100Ω)
No
Yes
Yes
Yes
AC
4000μA
R17+R16+R28=1kΩ
(100Ω)
Yes
No
Yes
Yes
AC 40mA
R16+R28=10Ω(1Ω)
No
Yes
Yes
Yes
AC 400mA
R16+R28=10Ω(1Ω)
Yes
No
Yes
Yes
AC 10A
R28=0.01Ω
No
Yes
Yes
Yes
CAP
R21
No
No
No
No
Diode
No
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com