Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3 Datasheet(PDF) 15 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3 Datasheet(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9721_LP3 Datasheet HTML 19Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
FS9721_LP3
Rev. 2.1
15/39
14. LCD Display -- FS9721_LP3(C2=LCDC2, C1=LCDC1)
C O M 1
1
C O M 4
C O M 2
2
C O M 3
C O M 3
3
C O M 2
C O M 4
4
C O M 1
CO M 1
CO M 2
CO M 3
CO M 4
P IN
C O M
5
S E G 1
a1
a6
a5
6
S E G 2
a2
a7
a3
a4
7
S E G 3
b 1
b 6
b 5
p 1
8
S E G 4
b 2
b 7
b 3
b 4
9
S E G 5
c 1
c 6
c 5
p 2
1 0
S E G 6
c 2
c 7
c 3
c 4
1 1
S E G 7
d 1
d 6
d 5
p 3
1 2
S E G 8
d 2
d 7
d 3
d 4
1 3
S E G 9
K
%
1 4
S E G 1 0
M
Ω
m
1 5
S E G 1 1
V
F
1 6
S E G 1 2
Hz
n
A
1 7
S E G 1 3
C 2 _ C 1
=
0 _ 0
1 8
S E G 1 4
Au t o
DC
a 1
a 2
a 3
a 4
a 5
a 6
a 7
S
p 1
RS2 3 2
K ΩHz
M
A
m V
μ
n
F
%
AC
HOLD
p 2
p 3
b 4
b 5
b 7
b 6
b 1
b 2
b 3
c 6
c 1
c 2
c 5
c 3
c 4
c 7
d 6
d 1
d 2
d 7
d 5
d 3
d 4
Au t o
DC
S
RS 2 3 2
μ
AC
HOLD
9711_LP3
LCD DISPLAY AND FORM AT
C 2 _ C 1
=
0 _ 1
C 2 _ C 1
=
1 _ 0
C 2 _ C 1
=
1 _ 1
Notes:
1. Working Voltage: 3V.
2. Drive Method: 1/4 Duty, 1/3 Bias.
Diagram 4
LCD Display Structure
Diagram 5
LCD Display COM Driver Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com