Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 29 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 29 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 31Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 32Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 33Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
29
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type Group
Description
5
SD0_DAT[3]
IOU SD0
SD Port 0 Data Bit 3
GPE[5]
IOU GPIOE
GPIO Port E Bit 5
6
SD0_CMD
IOU SD0
SD Port 0 Command/Response
GPE[6]
IOU GPIOE
GPIO Port E Bit 6
7
SD0_CLK
OU SD0
SD Port 0 Clock, Output
GPE[7]
IOU GPIOE
GPIO Port E Bit 7
8
SD0_DAT[0]
IOU SD0
SD Port 0 Data Bit 0
GPE[2]
IOU GPIOE
GPIO Port E Bit 2
9
SD0_DAT[1]
IOU SD0
SD Port 0 Data Bit 1
GPE[3]
IOU GPIOE
GPIO Port E Bit 3
10
XIN
I
XTAL
12MHz Crystal Input
11
XOUT
O
XTAL
12MHz Crystal Output
12
MVREF
P
MVDD
1/2 MVDD (0.9V) for DDR_VREF, when N32903R5DN or
N32905R3 are installation
VSSQ
G
MVDD
SDRAM I/F Ground (0V), when N32901R1DN is installation
13
PLL_UD_VDD18
P
PLL & USB PLL & USB2.0 Device Core Power (1.8V)
14
UD_DM
I/O USB
USB 2.0 Device D-.
15
UD_DP
I/O USB
USB 2.0 Device D+.
16
UD_VDD33
P
USB
USB 2.0 Device PHY 3.3V
17
UD_REXT
O
USB
External Resistor 12.1K resistor connected to ground
18
VSS
G
GND
Ground (0V)
19
GPC[15]
IOU GPIOC
GPIO Port C Bit 15
SPDATA[7]
IU
CAP
Sensor Interface Data Bit 7, Input
20
GPC[14]
IOU GPIOC
GPIO Port C Bit 14
SPDATA[6]
IU
CAP
Sensor Interface Data Bit 6, Input
21
GPC[13]
IOU GPIOC
GPIO Port C Bit 13
SPDATA[5]
IU
CAP
Sensor Interface Data Bit 5, Input
22
GPC[12]
IOU GPIOC
GPIO Port C Bit 12
SPDATA[4]
IU
CAP
Sensor Interface Data Bit 4, Input
23
GPC[11]
IOU GPIOC
GPIO Port C Bit 11
SPDATA[3]
IU
CAP
Sensor Interface Data Bit 3, Input
24
GPC[10]
IOU GPIOC
GPIO Port C Bit 10
SPDATA[2]
IU
CAP
Sensor Interface Data Bit 2, Input
25
GPC[9]
IOU GPIOC
GPIO Port C Bit 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com