Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 22 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 22 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 18Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 19Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 26Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
22
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type
Group
Description
SVSYNC
IU
CAP
Sensor Interface VSYNC, Input
GPE[1]
IOU
GPIOE
GPIO Port E Bit 1
33
LVDATA[16]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 16
SHSYNC
IU
CAP
Sensor Interface HSYNC, Input
GPE[0]
IOU
GPIOE
GPIO Port E Bit 0
34
LVDATA[15]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 15
GPC[15]
IOU
GPIOC
GPIO Port C Bit 15
SPDATA[7]
IU
CAP
Sensor Interface Data Bit 7, Input
KPI_SI[7]
IU
KPI
KPI Scan In Bit 7
35
LVDATA[14]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 14
GPC[14]
IOU
GPIOC
GPIO Port C Bit 14
SPDATA[6]
IU
CAP
Sensor Interface Data Bit 6, Input
KPI_SI[6]
IU
KPI
KPI Scan In Bit 6
36
LVDATA[13]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 13
GPC[13]
IOU
GPIOC
GPIO Port C Bit 13
SPDATA[5]
IU
CAP
Sensor Interface Data Bit 5, Input
KPI_SI[5]
IU
KPI
KPI Scan In Bit 5
37
LVDATA[12]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 12
GPC[12]
IOU
GPIOC
GPIO Port C Bit 12
SPDATA[4]
IU
CAP
Sensor Interface Data Bit 4, Input
KPI_SI[4]
IU
KPI
KPI Scan In Bit 4
38
LVDATA[11]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 11
GPC[11]
IOU
GPIOC
GPIO Port C Bit 11
SPDATA[3]
IU
CAP
Sensor Interface Data Bit 3, Input
KPI_SI[3]
IU
KPI
KPI Scan In Bit 3
39
LVDATA[10]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 10
GPC[10]
IOU
GPIOC
GPIO Port C Bit 10
SPDATA[2]
IU
CAP
Sensor Interface Data Bit 2, Input
KPI_SI[2]
IU
KPI
KPI Scan In Bit 2
40
LVDATA[9]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 9
GPC[9]
IOU
GPIOC
GPIO Port C Bit 9
SPDATA[1]
IU
CAP
Sensor Interface Data Bit 1, Input
KPI_SI[1]
IU
KPI
KPI Scan In Bit 1
41
LVDATA[8]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com