Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 48 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 48 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 44Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 45Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 46Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 47Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 48Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 49Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 50Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 51Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 52Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
48
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
4.5
Pin Type Description
TYPE
DESCRIPTION
I
Input
O
Output
I/O
Input / Output
IU
Input with internal pull high (50K)
OU
Output with internal pull high (50K)
IOU
Bi-direction with internal pull high (50K)
ID
Input with internal pull low (50K)
OD
Output with internal pull low (50K)
IOD
Bi-direction with internal pull low (50K)
P
Analog Power or Digital Power
G
Analog GND or Digital GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com