Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 69 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 69 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 62Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 63Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 64Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 65Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 66Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 67Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 68Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 69Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 70Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
69
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
8.
REVISION HISTORY
VERSION
DATE
DESCRIPTION
A0
Jul. 25, 2012
Initial release.
A1
Aug. 1, 2012
Add stacked DRAM size into order Information
A2
Aug. 30, 2012
Add N32901U1DN Information
Correct the N32905U2DN Pin Diagram
A3
Oct. 15, 2012
Extend Operation Temperature Range
Add Parts Feature Difference Table
A3.1
Oct. 26, 2012
Add Part Number Definition
A3.2
Nov. 8, 2012
Add CCIR Still Image and Video Recommanded Resolutions.
Add LCD Display for Still Image and Video Recommanded Resolutions.
Modify One SPI H/W Engine to Support Two SPI Devices
by Two Chip
Selection Signals when SPI0 is in Master Mode. For LQFP128 package, only
SPI0 is active.
Add USB 1.1 Host One H/W Controller, Three Different Pin Locations Information.
A3.3
Nov. 10, 2012
Remove Adobe Flash Feature from Comparision Table.
A3.4
Jan. 21, 2013
Update the AC characteristics.
A4.0
Mar. 15, 2013
Add N32903R1DN
A5.0
May 1, 2013
Add N32901R1DN Information.
Add N32901U2DN Information.
A5.1
May 3, 2013
Add SDRAM and DDR Operation Voltage Spec
A5.2
Mar. 17, 2014
Add N32905U3DN
A5.3
Aug. 13, 2014
Revise Audio DAC Characteristics of Full Scale output voltage
A5.4
Sept. 10, 2014
Add N32903U2DN to pin diagram
Add N32903U2DN, N32901R1DN & N32901U2DN to Ordering Information
Comparison table for N3290x series
A5.5
Oct. 23, 2014
Add N32905R3DN
Removed VPOST supports LCD VSYNC/MPU-24bit BUS
A5.6
Dec. 15, 2015
Revised pin desciprion.
A5.7
May 17, 2016
Add N32905U4DN to pin diagram
Add N32905U4DN to ordering information
Add the notice with chip F version
A5.8
Jul. 29, 2016
Add MPU LCD pin description
Revised DRAM operating voltage 3.3V/1.8V description
A5.9
Sept. 30, 2016
Updated N32903U2DN part number to pin description.
A6.0
Mar. 26, 2018
Add part no. N3290xKxDN series
A6.1
May 18, 2018
Add part no. N32901R7DN
A6.2
Oct. 10, 2018
N3290x series part no. selection updated in Q4, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com