Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 5 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 5 Page - Nuvoton Technology Corporation

  N32905UDN Datasheet HTML 1Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 2Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 3Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 4Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 5Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
5
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
1.
GENERAL DESCRIPTION
The N3290x seires built on the ARM926EJ-S CPU core and integrated with JPEG codec, CMOS
sensor interface, 32-channel SPU (Sound Processing Unit), ADC, DAC, for meeting various kinds of
application needs while saving the BOM cost.
The combination of ARM926 @ 200MHz, synchronous
DRAM, 2D BitBLT accelerator, CMOS image sensor interface, LCD panel interface, USB 1.1 Host &
USB2.0 HS Device makes N3290x series the best choice for LCD ELA devices.
Maximum resolution for N3290 series is XVGA (1,024x768) @ TFT LCD panel. The 2D BitBLT
accelerator accelerates the graphic compution to make the rendering smooth and off-load CPU to save
power consumption.
The N3290x seires is well-positioned in terms of cost/performance for the applications which bitmap
graphics is extensively used or CMOS Image Sensor (CIS) interface is required.
The N3290x series is for application under Linux OS and leverage the driver availability of emerging
functionalities like Wi-Fi, browser, etc. On the other hand, the open source code environment also give
the product development more flexible.
To meet the different requirement of the overall system BOM cost, the different size of DRAM is
stacked with N3290x main SoC into one package, that is, multi-chip package (MCP). The N32901x
series particularly designed with 1Mbitx16 3.3V SDRAM. The N32903x series particularly designed
with 4Mbitx16 1.8V DDR SDRAM. One 16Mbitx16 1.8V DDR2 SDRAM stacked inside the N32905x
series to ensure higher performance and minimize the system design efforts, like EMI & noise
coupling. Total BOM cost could be reduced by employing 2-layer PCB along with the elimination of
damping resistors, EMI prevention components, etc. Advantages including, but not limited to, less PCB
space, shorter lead time, and higher / reliable production yield.
1.1
Applications
ELA (Educational Learning Aid)
HMI
Security
Home Appliance
Advertisement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com