Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 44 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 44 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 40Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 41Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 42Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 43Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 44Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 45Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 46Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 47Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 48Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
44
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
4.4
N32901R7DN TQFP64 pin list
Pin No
Name
Type
Group
Description
1
SPI0_CLK
IOU SPI0
SPI Port 0 Clock;Output in Master Mode;Input in Slave Mode
GPD[12]
IOU GPIOD
GPIO Port D Bit 12
2
SPI0_CS0_
IOU SPI0
SPI Port 0 Device Select 0, Low Active;Output in Master
Mode;Input in Slave Mode
GPD[13]
IOU GPIOD
GPIO Port D Bit 13
3
SPI0_DI
IU
SPI0
SPI Port 0 Data Input
GPD[14]
IOU GPIOD
GPIO Port D Bit 14
4
SPI0_DO
OU SPI0
SPI Port 0 Data Output
GPD[15]
IOU GPIOD
GPIO Port D Bit 15
5
XIN
I
XTAL
12MHz Crystal Input
6
XOUT
O
XTAL
12MHz Crystal Output
7
VDD18
P
Core
Core Logic Power (1.8V)
8
MVDD33
P
MVDD33
SDRAM Power (3.3V)
9
PLL_UD_VDD18
P
PLL & USB
PLL & USB2.0 Device Core Power (1.8V)
10
UD_DM
I/O USB
USB 2.0 Device D-.
11
UD_DP
I/O USB
USB 2.0 Device D+.
12
UD_VDD33
P
USB
USB 2.0 Device PHY 3.3V
13
UD_REXT
O
USB
External Resistor 12.1K resistor connected to ground
14
LVDATA[15]
IOU LCD
SYNC/MPU LCD Interface Data Bit 15
GPC[15]
IOU GPIOC
GPIO Port C Bit 15
15
LVDATA[14]
IOU LCD
SYNC/MPU LCD Interface Data Bit 14
GPC[14]
IOU GPIOC
GPIO Port C Bit 14
16
LVDATA[13]
IOU LCD
SYNC/MPU LCD Interface Data Bit 13
GPC[13]
IOU GPIOC
GPIO Port C Bit 13
17
LVDATA[12]
IOU LCD
SYNC/MPU LCD Interface Data Bit 12
GPC[12]
IOU GPIOC
GPIO Port C Bit 12
18
LVDATA[11]
IOU LCD
SYNC/MPU LCD Interface Data Bit 11
GPC[11]
IOU GPIOC
GPIO Port C Bit 11
19
LVDATA[10]
IOU LCD
SYNC/MPU LCD Interface Data Bit 10
GPC[10]
IOU GPIOC
GPIO Port C Bit 10
20
LVDATA[9]
IOU LCD
SYNC/MPU LCD Interface Data Bit 9
GPC[9]
IOU GPIOC
GPIO Port C Bit 9
21
LVDATA[8]
IOU LCD
SYNC/MPU LCD Interface Data Bit 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com