Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 26 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 26 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 30Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
26
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type
Group
Description
N32905U3DN are installation
NC
--
NC
when N32901U1DN is installation
90
VSSQ
G
MVDD
SDRAM Ground (0V)
91
MVDD
P
MVDD
SDRAM Power, please follow that:
MVDD=1.8V powered when N32903U5DN or N32905U3DN
are installation
MVDD=3.3V powered when N32901U1DN is installation
92
MVDD
P
MVDD
SDRAM Power, please follow that:
MVDD=1.8V powered when N32903U5DN or N32905U3DN
are installation
MVDD=3.3V powered when N32901U1DN is installation
93
ADAC_HPVSS33
G
AUDIO
Audio DAC Headphone Driver Ground (0V)
94
ADAC_HPVDD33
P
AUDIO
Audio DAC Headphone Driver Power (3.3V)
95
ADAC_HPOUT_L
O
AUDIO
Audio Headphone Left Channel Output
96
VSS
G
GND
Ground (0V)
97
ADAC_HPOUT_R
O
AUDIO
Audio Headphone Right Channel Output
98
ADAC_AVSS33
G
AUDIO
Audio DAC Ground (0V)
99
ADAC_VREF
O
AUDIO
Audio DAC Reference Voltage Output, please connect 1uF
capacitor to DAC ground
100
ADAC_AVDD33
P
AUDIO
Audio DAC Power (3.3V)
101
ADAC_AVDD33
P
AUDIO
Audio DAC Power (3.3V)
102
VDD18
P
Core
Core Logic Power (1.8V)
103
GPA[7]
IOU
GPIOA
GPIO Port A Bit 7
KPI_SO[5]
OU
KPI
KPI Scan Out Bit 5
104
ND[0]
IOU
NAND
NAND Interface Data Bit [0]
CFG[0]
IU
SYSTEM
Chip Power-On Configuration Bit [0], Input
105
ND[1]
IOU
NAND
NAND Interface Data Bit [1]
CFG[1]
IU
SYSTEM
Chip Power-On Configuration Bit [1], Input
106
ND[2]
IOU
NAND
NAND Interface Data Bit [2]
CFG[2]
IU
SYSTEM
Chip Power-On Configuration Bit [2], Input
107
ND[3]
IOU
NAND
NAND Interface Data Bit [3]
CFG[3]
IU
SYSTEM
Chip Power-On Configuration Bit [3], Input
108
ND[4]
IOU
NAND
NAND Interface Data Bit [4]
CFG[4]
IU
SYSTEM
Chip Power-On Configuration Bit [4], Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com