Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 42 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 42 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 38Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 39Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 40Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 41Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 42Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 43Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 44Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 45Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 46Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
42
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin
No
Name
Type
Group
Description
LVDATA[23]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 23
120
SPDATA[6]
IU
CAP
Sensor Interface Data Bit 6, Input
GPB[11]
IOU
GPIOB
GPIO Port B Bit 11
SPI1_DI
IU
SPI1
SPI Port 1 Data Input
LVDATA[22]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 22
121
SPDATA[5]
IU
CAP
Sensor Interface Data Bit 5, Input
GPB[10]
IOU
GPIOB
GPIO Port B Bit 10
SPI1_CS0_
IOU
SPI1
SPI Port 1 Device Select 0, Low Active;Output in
Master Mode;Input in Slave Mode
LVDATA[21]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 21
122
SPDATA[4]
IU
CAP
Sensor Interface Data Bit 4, Input
GPB[9]
IOU
GPIOB
GPIO Port B Bit 9
SPI1_CLK
IOU
SPI1
SPI Port 1 Clock;Output in Master Mode;Input in
Slave Mode
LVDATA[20]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 20
123
SPDATA[3]
IU
CAP
Sensor Interface Data Bit 3, Input
GPB[8]
IOU
GPIOB
GPIO Port B Bit 8
LVDATA[19]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 19
124
SPDATA[2]
IU
CAP
Sensor Interface Data Bit 2, Input
GPB[7]
IOU
GPIOB
GPIO Port B Bit 7
LVDATA[18]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 18
125
SPDATA[1]
IU
CAP
Sensor Interface Data Bit 1, Input
GPB[6]
IOU
GPIOB
GPIO Port B Bit 6
I2S_DIN
IU
I²S
I2S Interface Data Input
126
SPDATA[0]
IU
CAP
Sensor Interface Data Bit 0, Input
GPB[5]
IOU
GPIOB
GPIO Port B Bit 5
I2S_DOUT
OU
I2S
I2S Interface Data Output
SD1_DAT[2]
IOU
SD1
SD Port 1 Data Bit 2
127
SFIELD
IU
CAP
Sensor Interface Even/ODD Field Indicator, Input
GPB[4]
IOU
GPIOB
GPIO Port B Bit 4
I2S_WS
OU
I²S
I2S Interface Word Select, Output
SD1_DAT[3]
IOU
SD1
SD Port 1 Data Bit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com