Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 37 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 37 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 33Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 34Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 35Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 36Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 37Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 38Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 39Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 40Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 41Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
37
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin
No
Name
Type
Group
Description
49
LVDE
OU
LCD
SYNC LCD Interface Data Enable, Output, High
Active
LRS
OU
LCD
MPU LCD Interface Register Select
GPD[11]
IOU
GPIOD
GPIO Port D Bit 11
Note. By design limitation, GPD[11] function will
be disable when SPI1 is used.
50
LVSYNC
OU
LCD
SYNC LCD Interface VSYNC, Output, High Active
LRD
OU
LCD
MPU I80 mode LCD Interface Read, active low
LEN
OU
LCD
MPU M68 mode LCD Interface Read Write
Enable/Disable , High Enable
GPD[10]
IOU
GPIOD
LCD Interface Data Enable, High Active.
51
VSS
G
GND
Ground (0V)
52
LHSYNC
OU
LCD
SYNC LCD Interface HSYNC, Output, High Active
LWR
OU
LCD
MPU I80 mode LCD Interface Write, active low
LR/W
OU
LCD
MPU M68 mode LCD interface R/W, High is read
command and Low is write instruction
GPD[9]
IOU
GPIOD
GPIO Port D Bit 9
53
VDD18
P
Core
Core Logic Power (1.8V)
54
LPCLK
OU
LCD
SYNC LCD Interface Pixel Clock, Output
LCS
OU
LCD
MPU LCD Interface Chip Enable, active low
GPB[15]
IOU
GPIOB
GPIO Port B Bit 15
55
VDD33
P
I/O
I/O Power (3.3V)
56
ADC_VSS33
G
ADC
ADC Ground (0V)
57
ADC_TP_YM
I
ADC
Touch Panel YM
58
ADC_TP_XM
I
ADC
Touch Panel XM
59
ADC_TP_XP
I
ADC
Touch Panel XP
60
ADC_TP_YP
I
ADC
Touch Panel YP
61
ADC_VDD33
P
ADC
ADC Power (3.3V)
62
ADC_AIN[2]
I
ADC
ADC Analog Input Channel 2
63
ADC_AIN[3]
I
ADC
ADC Analog Input Channel 3
64
ADC_AIN[4]
I
ADC
ADC Analog Input Channel 4
65
RTC_XOUT
O
RTC
32768Hz Crystal Output
66
RTC_XIN
I
RTC
32768Hz Crystal Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com