Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 25 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 25 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 29Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
25
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type
Group
Description
KPI_SO[1]
OU
KPI
KPI Scan Out Bit 1
77
GPA[2]
IOU
GPIOA
GPIO Port A Bit 2
LMVSYNC
OU
LCD
MPU LCD Interface VSYNC, Output
LFMARK
IU
LCD
MPU LCD Interface Frame Mark, Input
KPI_SO[0]
OU
KPI
KPI Scan Out Bit 0
78
GPA[1]
IOU
GPIOA
GPIO Port A Bit 1
SD_CD_
IU
SD
SD Card Detect, Input, Low Active
79
GPA[0]
IOU
GPIOA
GPIO Port A Bit 0
80
RST_
IU
SYSTEM
System Reset, Input, Low Active
WDT_RST_
OU
SYSTEM
Watch-Dog Reset, Output, Low Active
81
TCK
ID
JTAG
JTAG Interface Test Clock, Input
GPD[0]
IOD
GPIOD
GPIO Port D Bit 0
SPI1_CS1_
OD
SPI1
SPI Port 1 Device Select 1, Output, Low Active
PWM0
OD
PWM
PWM Channel 0
82
TMS
IU
JTAG
JTAG Interface Test Mode Select, Input
GPD[1]
IOU
GPIOD
GPIO Port D Bit 1
HUR_TXD
OU
UART
High-Speed UART TX Data, Output
PWM1
OU
PWM
PWM Channel 1
83
TDI
IU
JTAG
JTAG Interface Test Data In, Input
GPD[2]
IOU
GPIOD
GPIO Port D Bit 2
HUR_RXD
IU
UART
High-Speed UART RX Data, Input
PWM2
OU
PWM
PWM Channel 2
84
TDO
OU
JTAG
JTAG Interface Test Data Out, Output
GPD[3]
IOU
GPIOD
GPIO Port D Bit 3
HUR_CTS
IU
UART
High-Speed UART Clear-To-Send, Input, Low Active
PWM3
OU
PWM
PWM Channel 3
85
TRST_
IU
JTAG
JTAG Interface Test Reset, Input, Low Active
GPD[4]
IOU
GPIOD
GPIO Port D Bit 4
HUR_RTS
OU
UART
High-Speed UART Reset-To-Send, Output, Low Active
SPI0_CS1_
OU
SPI0
SPI Port 0 Device Select 1, Output, Low Active
86
UD_CDET
I
USB
USB Device Connect Detect, Input, High Active
87
VDD18
P
Core
Core Logic Power (1.8V)
88
MVSS
G
MVDD
SDRAM I/F Ground (0V)
89
MVREF
P
MVDD
1/2 MVDD (0.9V) for DDR_VREF, when N32903U5DN and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com