Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 36 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 36 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 32Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 33Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 34Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 35Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 36Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 37Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 38Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 39Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 40Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
36
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin
No
Name
Type
Group
Description
38
LVDATA[10]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 10
GPC[10]
IOU
GPIOC
GPIO Port C Bit 10
SPDATA[2]
IU
CAP
Sensor Interface Data Bit 2, Input
KPI_SI[2]
IU
KPI
KPI Scan In Bit 2
39
LVDATA[9]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 9
GPC[9]
IOU
GPIOC
GPIO Port C Bit 9
SPDATA[1]
IU
CAP
Sensor Interface Data Bit 1, Input
KPI_SI[1]
IU
KPI
KPI Scan In Bit 1
40
LVDATA[8]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 8
GPC[8]
IOU
GPIOC
GPIO Port C Bit 8
SPDATA[0]
IU
CAP
Sensor Interface Data Bit 0, Input
KPI_SI[0]
IU
KPI
KPI Scan In Bit 0
41
LVDATA[7]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 7
GPC[7]
IOU
GPIOC
GPIO Port C Bit 7
42
LVDATA[6]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 6
GPC[6]
IOU
GPIOC
GPIO Port C Bit 6
CFG[10]
IU
SYSTEM
Chip Power-On Configuration Bit [10], Input
43
LVDATA[5]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 5
GPC[5]
IOU
GPIOC
GPIO Port C Bit 5
CFG[9]
IU
SYSTEM
Chip Power-On Configuration Bit [9], Input
44
LVDATA[4]
IOU
LCD
GPIO Port C Bit 4
GPC[4]
IOU
GPIOC
GPIO Port C Bit 4
CFG[8]
IU
SYSTEM
Chip Power-On Configuration Bit [8], Input
45
LVDATA[3]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 3
GPC[3]
IOU
GPIOC
GPIO Port C Bit 3
46
LVDATA[2]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 2
GPC[2]
IOU
GPIOC
GPIO Port C Bit 2
47
LVDATA[1]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 1
GPC[1]
IOU
GPIOC
GPIO Port C Bit 1
48
LVDATA[0]
IOU
LCD
SYNC/MPU LCD Interface Data Bit 0
GPC[0]
IOU
GPIOC
GPIO Port C Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com