Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 31 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 31 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 31Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 32Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 33Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 34Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 35Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
31
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type Group
Description
MVDD=3.3V powered when N32901R1DN is installation
45
ADAC_HPVSS33
G
AUDIO
Audio DAC Headphone Driver Ground (0V)
46
ADAC_HPVDD33
P
AUDIO
Audio DAC Headphone Driver Power (3.3V)
47
ADAC_HPOUT_L
O
AUDIO
Audio Headphone Left Channel Output
48
ADAC_HPOUT_R
O
AUDIO
Audio Headphone Right Channel Output
49
ADAC_AVSS33
G
AUDIO
Audio DAC Ground (0V)
50
ADAC_VREF
O
AUDIO
Audio DAC Reference Voltage Output, please connect 1uF
capacitor to DAC ground
51
ADAC_AVDD33
P
AUDIO
Audio DAC Power (3.3V)
52
VDD18
P
Core
Core Logic Power (1.8V)
53
GPA[7]
IOU GPIOA
GPIO Port A Bit 7
CFG[0]
IU
SYSTEM
Chip Power-On Configuration Bit [0], Input
54
VDD33
P
I/O
I/O Power (3.3V)
55
URTXD
OU UART
UART TX Data, Output
GPA[10]
IOU GPIOA
GPIO Port A Bit 10
SPI1_CS1_
OU SPI1
SPI Port 1 Device Select 1, Output, Low Active
56
URRXD
IU
UART
UART RX Data, Input
GPA[11]
IOU GPIOA
GPIO Port A Bit 11
LMVSYNC
OU LCD
MPU LCD Interface VSYNC, Output
LFMARK
IU
LCD
MPU LCD Interface Frame Mark, Input
57
SPDATA[1]
IU
CAP
Sensor Interface Data Bit 1, Input
GPB[6]
IOU GPIOB
GPIO Port B Bit 6
I2S_DIN
IU
I²S
I2S Interface Data Input
58
SPDATA[0]
IU
CAP
Sensor Interface Data Bit 0, Input
GPB[5]
IOU GPIOB
GPIO Port B Bit 5
I2S_DOUT
OU I2S
I2S Interface Data Output
SD1_DAT[2]
IOU SD1
SD Port 1 Data Bit 2
59
SFIELD
IU
CAP
Sensor Interface Even/ODD Field Indicator, Input
GPB[4]
IOU GPIOB
GPIO Port B Bit 4
I2S_WS
OU I²S
I2S Interface Word Select, Output
SD1_DAT[3]
IOU SD1
SD Port 1 Data Bit 3
60
SVSYNC
IU
CAP
Sensor Interface VSYNC, Input
GPB[3]
IOU GPIOB
GPIO Port B Bit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com