Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 30 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 30 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 31Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 32Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 33Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 34Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
30
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type Group
Description
SPDATA[1]
IU
CAP
Sensor Interface Data Bit 1, Input
26
GPC[8]
IOU GPIOC
GPIO Port C Bit 8
SPDATA[0]
IU
CAP
Sensor Interface Data Bit 0, Input
27
VDD18
P
Core
Core Logic Power (1.8V)
28
VDD33
P
I/O
I/O Power (3.3V)
29
ADC_VSS33
G
ADC
ADC Ground (0V)
30
ADC_VDD33
P
ADC
ADC Power (3.3V)
31
ADC_AIN[0]
I
ADC
ADC MIC+
32
ADC_AIN[1]
I
ADC
ADC MIC-
33
ADC_AIN[2]
I
ADC
ADC Analog Input Channel 2
34
GPA[5]
IOU GPIOA
GPIO Port A Bit 5
SPI0_CS1_
OU SPI0
SPI Port 0 Device Select 1, Output, Low Active
35
GPA[4]
IOU GPIOA
GPIO Port A Bit 4
UHL_DM1
IOU USB
USB Host 1.0 Lite Port 1, D-
36
GPA[3]
IOU GPIOA
GPIO Port A Bit 3
UHL_DP1
IOU USB
USB Host 1.0 Lite Port 1, D+
37
GPA[1]
IOU GPIOA
GPIO Port A Bit 1
SD_CD_
IU
SD
SD Card Detect, Input, Low Active
38
RST_
IU
SYSTEM
System Reset, Input, Low Active
WDT_RST_
OU SYSTEM
Watch-Dog Reset, Output, Low Active
39
GPD[1]
IOU GPIOD
GPIO Port D Bit 1
HUR_TXD
OU UART
High-Speed UART TX Data, Output
PWM1
OU PWM
PWM Channel 1
40
GPD[2]
IOU GPIOD
GPIO Port D Bit 2
HUR_RXD
IU
UART
High-Speed UART RX Data, Input
PWM2
OU PWM
PWM Channel 2
41
UD_CDET
I
USB
USB Device Connect Detect, Input, High Active
42
VDD18
P
Core
Core Logic Power (1.8V)
43
MVREF
P
MVDD
1/2 MVDD (0.9V) for DDR_VREF, when N32903R5DN or
N32905R3 are installation
MVSS
G
MVDD
SDRAM I/F Ground (0V), when N32901R1DN is installation
44
MVDD
P
MVDD
SDRAM Power, please follow that:
MVDD=1.8V powered when N32903R5DN or N32905R3DN are
installation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com