Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 38 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 38 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 34Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 35Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 36Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 37Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 38Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 39Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 40Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 41Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 42Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
38
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin
No
Name
Type
Group
Description
67
RTC_VDD1.8V
P
RTC
RTC Power (1.8V)
68
VDD33
P
I/O
I/O Power (3.3V)
69
GPA[6]
IOU
GPIOA
GPIO Port A Bit 6
SPI1_CS1_
OU
SPI1
SPI Port 1 Device Select 1, Output, Low Active
KPI_SO[4]
OU
KPI
KPI Scan Out Bit 4
70
GPA[5]
IOU
GPIOA
GPIO Port A Bit 5
SPI0_CS1_
OU
SPI0
SPI Port 0 Device Select 1, Output, Low Active
KPI_SO[3]
OU
KPI
KPI Scan Out Bit 3
71
GPA[4]
IOU
GPIOA
GPIO Port A Bit 4
UHL_DM1
IOU
USB
USB Host 1.0 Lite Port 1, D-
KPI_SO[2]
OU
KPI
KPI Scan Out Bit 2
72
GPA[3]
IOU
GPIOA
GPIO Port A Bit 3
UHL_DP1
IOU
USB
USB Host 1.0 Lite Port 1, D+
KPI_SO[1]
OU
KPI
KPI Scan Out Bit 1
73
GPA[2]
IOU
GPIOA
GPIO Port A Bit 2
LMVSYNC
OU
LCD
MPU LCD Interface VSYNC, Output
LFMARK
IU
LCD
MPU LCD Interface Frame Mark, Input
KPI_SO[0]
OU
KPI
KPI Scan Out Bit 0
74
GPA[1]
IOU
GPIOA
GPIO Port A Bit 1
SD_CD_
IU
SD
SD Card Detect, Input, Low Active
75
GPA[0]
IOU
GPIOA
GPIO Port A Bit 0
76
RST_
IU
SYSTEM
System Reset, Input, Low Active
WDT_RST_
OU
SYSTEM
Watch-Dog Reset, Output, Low Active
77
TCK
ID
JTAG
JTAG Interface Test Clock, Input
GPD[0]
IOD
GPIOD
GPIO Port D Bit 0
SPI1_CS1_
OD
SPI1
SPI Port 1 Device Select 1, Output, Low Active
PWM0
OD
PWM
PWM Channel 0
78
TMS
IU
JTAG
JTAG Interface Test Mode Select, Input
GPD[1]
IOU
GPIOD
GPIO Port D Bit 1
HUR_TXD
OU
UART
High-Speed UART TX Data, Output
PWM1
OU
PWM
PWM Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com