Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905UDN Datasheet(PDF) 27 Page - Nuvoton Technology Corporation

Part # N32905UDN
Description  Display Control Application Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905UDN Datasheet(HTML) 27 Page - Nuvoton Technology Corporation

Back Button N32905UDN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905UDN Datasheet HTML 31Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
27
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
Pin No Name
Type
Group
Description
109
ND[5]
IOU
NAND
NAND Interface Data Bit [5]
CFG[5]
IU
SYSTEM
Chip Power-On Configuration Bit [5], Input
110
ND[6]
IOU
NAND
NAND Interface Data Bit [6]
CFG[6]
IU
SYSTEM
Chip Power-On Configuration Bit [6], Input
111
ND[7]
IOU
NAND
NAND Interface Data Bit [7]
CFG[7]
IU
SYSTEM
Chip Power-On Configuration Bit [7], Input
112
NBUSY1_
IU
NAND
NAND Interface Busy 1, Input, Low Active
GPD[6]
IOU
GPIOD
GPIO Port D Bit 6
SD2_DAT[2]
IOU
SD2
SD Port 2 Data Bit 2
113
NBUSY0_
IU
NAND
NAND Interface Busy 0, Input, Low Active
GPD[5]
IOU
GPIOD
GPIO Port D Bit 5
SD2_DAT[3]
IOU
SD2
SD Port 2 Data Bit 3
114
NWR_
OU
NAND
NAND Interface Write Enable, Output, Low Active
GPD[8]
IOU
GPIOD
GPIO Port D Bit 8
SD2_CMD
IOU
SD2
SD Port 2 Command/Response
115
NRE_
OU
NAND
NAND Interface Read Enable, Output, Low Active
GPD[7]
IOU
GPIOD
GPIO Port D Bit 7
SD2_CLK
OU
SD2
SD Port 2 Clock, Output
116
NCLE
OU
NAND
NAND Interface Command-Latch-Enable, Output, High Active
GPE[11]
IOU
GPIOE
GPIO Port E Bit 11
117
NALE
OU
NAND
NAND Interface Address-Latch-Enable, Output, High Active
GPE[10]
IOU
GPIOE
GPIO Port E Bit 10
118
NCS1_
OU
NAND
NAND Interface Chip Select 1, Output, Low Active
GPE[9]
IOU
GPIOE
GPIO Port E Bit 9
SD2_DAT[0]
IOU
SD2
SD Port 2 Data Bit 0
119
VSS
G
GND
Ground (0V)
120
NCS0_
IU
NAND
NAND Interface Chip Select 0, Output, Low Active
GPE[8]
IOU
GPIOE
GPIO Port E Bit 8
SD2_DAT[1]
IOU
SD2
SD Port 2 Data Bit 1
121
VDD33
P
I/O
I/O Power (3.3V)
122
URTXD
OU
UART
UART TX Data, Output
GPA[10]
IOU
GPIOA
GPIO Port A Bit 10
SPI1_CS1_
OU
SPI1
SPI Port 1 Device Select 1, Output, Low Active
123
URRXD
IU
UART
UART RX Data, Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com