Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 7Page - STMicroelectronics TDA7406T Datasheet HTML 8Page - STMicroelectronics TDA7406T Datasheet HTML 9Page - STMicroelectronics TDA7406T Datasheet HTML 10Page - STMicroelectronics TDA7406T Datasheet HTML 11Page - STMicroelectronics TDA7406T Datasheet HTML 12Page - STMicroelectronics TDA7406T Datasheet HTML 13Page - STMicroelectronics TDA7406T Datasheet HTML 14Page - STMicroelectronics TDA7406T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
11/49
TDA7406T
2.3 Loudness
There are four parameters programmable in the loudness stage:
s
Attenuation: 0 to -19dB attenuation in 1dB steps vs. frequency (see the response at fP = 400Hz in Figure 2).
s
Peak Frequency: Four programmable peak frequencies: 200,400,600 and 800Hz (see Figure 3).
s
Filter Order: First or second order frequency response (see Figure 4).
s
Flat mode: Selectable flat-mode. In flat mode the loudness stage works as a 0dB to -19dB attenuator.
Figure 2. Loudness Attenuation @ fP = 400Hz.
Figure 3. Loudness Center frequencies @ Attn. = 15dB
dB
Hz
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K
dB
Hz
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com