Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 37Page - STMicroelectronics TDA7406T Datasheet HTML 38Page - STMicroelectronics TDA7406T Datasheet HTML 39Page - STMicroelectronics TDA7406T Datasheet HTML 40Page - STMicroelectronics TDA7406T Datasheet HTML 41Page - STMicroelectronics TDA7406T Datasheet HTML 42Page - STMicroelectronics TDA7406T Datasheet HTML 43Page - STMicroelectronics TDA7406T Datasheet HTML 44Page - STMicroelectronics TDA7406T Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
41/49
TDA7406T
Table 15. Mixer Level Control (20)
Table 16. Testing Audioprocessor (21)
Note: This byte is used for testing or evaluation purposes only and must not set to other values than “11111110”
in the application!
MSB
LSB
ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
1
1
1
0
0
:
0
0
:
0
0
X
0
:
0
0
0
0
:
0
0
:
1
1
1
0
:
0
0
0
0
:
0
0
:
0
0
1
0
:
0
0
0
0
:
0
1
:
0
0
X
1
:
0
0
0
0
:
1
0
:
1
1
X
1
:
0
0
0
0
:
1
0
:
1
1
X
1
:
0
0
0
0
:
1
0
:
1
1
X
1
:
1
0
0
1
:
1
0
:
0
1
X
Gain/Attenuation
+15dB
:
+ 1dB
0dB
0dB
- 1dB
:
-15dB
-16dB
:
-78dB
-79dB
Mute
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Audioprocessor Testmode
off
on
0
1
0
1
0
1
X
0
1
X
X
X
0
0
0
0
0
0
0
1
1
1
1
1
0
0
0
0
1
1
1
0
0
0
1
1
0
0
1
1
0
0
1
0
0
1
0
1
Test-Multiplexer
Spectrum Analyzer Filter
62Hz
Spectrum Analyzer Filter
157Hz
Spectrum Analyzer Filter
400Hz
Spectrum Analyzer Filter
1kHz
Spectrum Analyzer Filter 2.51kHz
Spectrum Analyzer Filter 6.34kHz
Spectrum Analyzer Filter
16kHz
Not Allowed
not used
200kHz Oscillator
NB-Hold
internal Reference
0
1
Clock
external
internal
0
1
AZ Function
off
on
0
1
SC-Clock
Fast Mode
Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com