Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 16Page - STMicroelectronics TDA7406T Datasheet HTML 17Page - STMicroelectronics TDA7406T Datasheet HTML 18Page - STMicroelectronics TDA7406T Datasheet HTML 19Page - STMicroelectronics TDA7406T Datasheet HTML 20Page - STMicroelectronics TDA7406T Datasheet HTML 21Page - STMicroelectronics TDA7406T Datasheet HTML 22Page - STMicroelectronics TDA7406T Datasheet HTML 23Page - STMicroelectronics TDA7406T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
TDA7406T
20/49
3
STEREODECODER PART
3.1 Features:
s
No external components necessary
s
PLL with adjustment free, fully integrated VCO
s
Automatic pilot dependent MONO/STEREO switching
s
Very high suppression of intermodulation and interference
s
Programmable Roll-Off compensation
s
Dedicated RDS-Softmute
s
Highcut and Stereoblend-characteristics programmable in a wide range
s
FM/AM noiseblanker with several threshold controls
s
Multipath-detector with programmable internal/external influence
s
I
2C-bus control of all necessary functions
Table 2. ELECTRICAL CHARACTERISTICS
VS = 9V, de-emphasis time constant = 50µs, MPX input voltage VMPX = 500mV (75kHz deviation),
modulation frequency = 1kHz, input gain = 6dB, Tamb = 27°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vin
MPX Input Level
Input Gain = 3.5dB
0.5
1.25
Vrms
Rin
Input Resistance
70
100
130
k
Ω
Gmin
Min. Input Gain
1.5
3.5
4.5
dB
Gmax
Max. Input Gain
8.5
11
12.5
dB
Gstep
Step Resolution
1.75
2.5
3.25
dB
SVRR
Supply Voltage Ripple Rejection
Vripple = 100mV, f = 1kHz
60
dB
α
Max. Channel Separation
30
50
dB
THD
Total Harmonic Distortion
fin=1kHz, mono
0.02
0.3
%
Signal plus Noise to Noise Ratio
A-weighted, S = 2Vrms
80
91
dB
MONO/STEREO-SWITCH
VPTHST1 Pilot Threshold Voltage
for Stereo, PTH = 1
10
15
25
mV
VPTHST0 Pilot Threshold Voltage
for Stereo, PTH = 0
15
25
35
mV
VPTHMO1 Pilot Threshold Voltage
for Mono, PTH = 1
7
12
17
mV
VPTHMO0 Pilot Threshold Voltage
for Mono, PTH = 0
10
19
25
mV
PLL
∆f/f
Capture Range
0.5
%
DEEMPHASIS and HIGHCUT
SN
+
N
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com