Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 19Page - STMicroelectronics TDA7406T Datasheet HTML 20Page - STMicroelectronics TDA7406T Datasheet HTML 21Page - STMicroelectronics TDA7406T Datasheet HTML 22Page - STMicroelectronics TDA7406T Datasheet HTML 23Page - STMicroelectronics TDA7406T Datasheet HTML 24Page - STMicroelectronics TDA7406T Datasheet HTML 25Page - STMicroelectronics TDA7406T Datasheet HTML 26Page - STMicroelectronics TDA7406T Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
23/49
TDA7406T
Note 4. ACI (Adjacent Channel Interference)
measured with: 90% mono signal; 9% pilot signal; fm=1kHz; 1% spurious signal (fs = 110kHz or 186kHz, un-
modulated).
3.2 Dual MPX Usage
3.2.1 Feature Description
The TDA7406T is able to support a twin tuner concept via the Dual-MPX-Mode. The DC-Voltage at the CMPX-
pin controls whether one or both MPX-signals are used to decode the stereo FM-signal. Therefor two window-
comparators with a characteristic as shown in Figure 17 are implemented (Please note that the thresholds have
a hysteresis of 500mV).
In this mode the stereodecoder high impedance-mute mutes both inputs in parallel.
Figure 17. Block diagram Dual MPX
α114
V
o s ign al
() at1kHz
()
V
o sp u r io u s
() at4kHz
()
---------------------------------------------------------------- ƒ
s
;
110kH z
3 38 kHz
⋅
()
–
==
α190
V
o s ign al
() at1kHz
()
V
o sp u r io u s
() at4kHz
()
----------------------------------------------------------------
ƒ
s
;
186kH z
5 38 kHz
⋅
()
–
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com