Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 9Page - STMicroelectronics TDA7406T Datasheet HTML 10Page - STMicroelectronics TDA7406T Datasheet HTML 11Page - STMicroelectronics TDA7406T Datasheet HTML 12Page - STMicroelectronics TDA7406T Datasheet HTML 13Page - STMicroelectronics TDA7406T Datasheet HTML 14Page - STMicroelectronics TDA7406T Datasheet HTML 15Page - STMicroelectronics TDA7406T Datasheet HTML 16Page - STMicroelectronics TDA7406T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13/49
TDA7406T
2.5 Volume Control
2.5.1 Gain/Attenuation Control
The volume control can range from a gain of 32dB up to an attenuation of 79dB; however it is not recommended
to use a gain higher than 20dB for performance reasons.
2.5.2 Soft Step Volume
When the speaker-level is changed, audible clicks could appear at the output. The root cause of those clicks
could either be a DC offset before the speaker-stage or the sudden change of the envelope of the audio signal.
With the SoftStep-feature both kinds of clicks could be reduced to a minimum and are no more audible. The
blend-time from one step to the next is programmable with four different values: 320
µs, 1.28ms, 5.12ms and
20.4ms.
Figure 6. SoftStep-Timing for Volume
Note: For steps more than 0.5dB (Volume) or 1dB (Speaker) the SoftStep mode should be deactivated because it could generate a hard 1dB
step during blending.
2.6 The Seven Band Equalizer
2.6.1 Equalizer Filter
Each filter is realized as a switched capacitor with a 2nd order frequency response.
There are three parameters programmable in the equalizer filter:
s
Attenuation: ±15dB in 1db step resolution (Figure 7 shows the boost and cut response as a function
of frequency at a center frequency of 1kHz.)
s
Center Frequency: This parameter is programmable in the filter stages 1(62/100Hz), 6(4/6.34kHz) and
7(15/16kHz). The others bands are fixed at: 157, 396, 1K and 2.5K Hertz (see Figure 8).
s
Quality Factors: The four possible quality factors are 1, 1.4, 1.8 and 2.2 (see Figure 9).
The center frequency, Q, DC-mode and boost/cut can be set fully independently for each filter. Figure 10 shows
the superposition of all equalizer filter curves for different quality factors.
1dB
0.5dB
-0.5dB
-1dB
SS Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com