Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 21Page - STMicroelectronics TDA7406T Datasheet HTML 22Page - STMicroelectronics TDA7406T Datasheet HTML 23Page - STMicroelectronics TDA7406T Datasheet HTML 24Page - STMicroelectronics TDA7406T Datasheet HTML 25Page - STMicroelectronics TDA7406T Datasheet HTML 26Page - STMicroelectronics TDA7406T Datasheet HTML 27Page - STMicroelectronics TDA7406T Datasheet HTML 28Page - STMicroelectronics TDA7406T Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
25/49
TDA7406T
Notes: 1. All thresholds are measured using a pulse with TR = 2 µs, THIGH= 2 µs and TF = 10 µs. The repetition rate must not increase the
PEAK voltage.
TSFM
Suppression Pulse Duration FM
Signal HOLDN
in Testmode
00
01
10
11
38
25.5
32
22
µs
µs
µs
µs
TSAM
Suppression Pulse Duration AM
Signal HOLDN
in Testmode
00
01
10
11
1.2
800
1.0
640
ms
µs
ms
µs
VRECTADJ Noise rectifier discharge adjust-
ment
Signal PEAK in
Testmode
00
01
10
11
0.3
0.8
1.3
2.0
V/ms
SRPEAK
Noise rectifier
charge
Signal PEAK in
Testmode
0
1
10
20
mV/µs
VADJMP
Noise rectifier adjustment through
Multipath
Signal PEAK in
Testmode
00
01
10
11
0.3
0.5
0.7
0.9
V/ms
RAMIF
AM IF Input resistance
35
50
65
k
Ω
GAMIF,min min. gain AM IF
Signal AM-RECTIFIER in Test-
mode
6dB
GAMIF,max max. gain AM IF
20
dB
GAMIF,step step gain AM IF
2
dB
fAMIF,min
min. fc AM IF
Signal AM-RECTIFIER in Test-
mode
14
kHz
fAMIF,max max. fc AM IF
56
kHz
Table 3. ELECTRICAL CHARACTERISTICS (continued)
All parameters measured in FM mode if not otherwise specified.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Tim e
V
in
T
R
T
HIGH
T
F
V
op
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com