Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 29Page - STMicroelectronics TDA7406T Datasheet HTML 30Page - STMicroelectronics TDA7406T Datasheet HTML 31Page - STMicroelectronics TDA7406T Datasheet HTML 32Page - STMicroelectronics TDA7406T Datasheet HTML 33Page - STMicroelectronics TDA7406T Datasheet HTML 34Page - STMicroelectronics TDA7406T Datasheet HTML 35Page - STMicroelectronics TDA7406T Datasheet HTML 36Page - STMicroelectronics TDA7406T Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
33/49
TDA7406T
Highcut through the multipath detector
Selecting the “internal influence” in the configuration byte the Stereo-Blend and/or the Highcut is automatically
invoked during a multipath condition according to the voltage appearing at the MP_OUT-pin.
Figure 28. Block diagram of the Multipath-Detector
7
QUALITY DETECTOR
The TDA7406T offers a quality detector output which gives a voltage representing the FM-reception conditions.
To calculate this voltage the MPX-noise and the multipath-detector output are summed according to the follow-
ing formula:
VQual = 1.6 (VNoise-0.8 V)+ a (REF5V-VMpout).
The noise-signal is the PEAK-signal without additional influences (see noiseblanker description). The factor 'a'
can by programmed from 0.7 to 1.15. The output is a low impedance output able to drive external circuitry as
well as simply fed to an AD-converter for RDS applications.
8TESTMODE
During the Testmode, which can be activated by setting bit I2 of the subaddress byte and bit D1 of the stereo-
decoder testing-byte, several internal signals are available at the FD2R+ pin. During this mode the input resis-
tance of 100kOhm is disconnected from the pin. The internal signals available are shown in the Data-byte
specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com