Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 27Page - STMicroelectronics TDA7406T Datasheet HTML 28Page - STMicroelectronics TDA7406T Datasheet HTML 29Page - STMicroelectronics TDA7406T Datasheet HTML 30Page - STMicroelectronics TDA7406T Datasheet HTML 31Page - STMicroelectronics TDA7406T Datasheet HTML 32Page - STMicroelectronics TDA7406T Datasheet HTML 33Page - STMicroelectronics TDA7406T Datasheet HTML 34Page - STMicroelectronics TDA7406T Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
31/49
TDA7406T
4.9 Highcut Control
The highcut control set-up is similar to the stereoblend control set-up: the starting point VHCH can be set with
2 bits to be 42, 50, 58 or 66% of REF5V whereas the range can be set to be 17, 22, 28 or 33% of VHCH (see
fig. 26).
Figure 26. Highcut characteristics
5
FUNCTIONAL DESCRIPTION OF THE NOISEBLANKER
In the automotive environment the MPX-signal as well as the AM-signal is disturbed by spikes produced by the
ignition and other radiating sources like the wiper-motor. The aim of the noiseblanker part is to cancel the audi-
ble influence of the spikes. Therefore the output of the stereodecoder is held at the actual voltage for a time
between 22 and 38µs in FM (370 and 645µs in AM-mode). The block diagram of the noiseblanker is given in
fig.27.
Figure 27. Block diagram of the noiseblanker
In a first stage the spikes must be detected but to avoid a wrong triggering on high frequency (white) noise a
complex trigger control is implemented. Behind the trigger stage a pulse former generates the “blanking”-pulse.
5.1 Trigger Path FM
The incoming MPX signal is highpass-filtered, amplified and rectified. This second order highpass-filter has a
corner-frequency of 140kHz. The rectified signal, RECT, is integrated (lowpass filtered) to generate a signal
called PEAK. The DC-charge/discharge behavior can be adjusted as well as the transient behavior (MP-dis-
charge control). Also noise with a frequency 140kHz increases the PEAK voltage. The PEAK voltage is fed to
a threshold generator, which adds to the PEAK-voltage a DC-dependent threshold VTH. Both signals, RECT
and PEAK+VTH are fed to a comparator which triggers a re-triggerable flip-flop. The flip-flop's output activates
the sample-and-hold circuits in the signal path for the selected duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com