Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7406T Datasheet HTML 1Page - STMicroelectronics TDA7406T Datasheet HTML 2Page - STMicroelectronics TDA7406T Datasheet HTML 3Page - STMicroelectronics TDA7406T Datasheet HTML 4Page - STMicroelectronics TDA7406T Datasheet HTML 5Page - STMicroelectronics TDA7406T Datasheet HTML 6Page - STMicroelectronics TDA7406T Datasheet HTML 7Page - STMicroelectronics TDA7406T Datasheet HTML 8Page - STMicroelectronics TDA7406T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
TDA7406T
4/49
1
AUDIOPROCESSOR PART
Features:
s
Input multiplexer
– Pseudo differential CDC stereo input, programmable as single-ended input.
– 3 single-ended stereo inputs.
– 4single-ended mono inputs.
– Input gain adjust 0...15dB in 1dB steps.
– Internal offset-cancellation (autozero).
s
Beep
– Internal beep generator with 4 different frequencies.
s
Mixing stage
– Beep, Phone- and Navi-Input mixable to all speaker outputs.
– TIM or tuner (FM/AM) programmable as fourth mixing source.
– Level control range of 95dB (+15...-79db).
s
Loudness
– Loudness programmable center frequency and filter slope.
– 0...19dB attenuation in 1dB steps.
– selectable flat-mode (constant attenuation).
s
Volume
– Gain/Attenuation with 0.5dB step resolution.
– soft-step control with programmable blend times.
– 110dB range (+32...-79db).
s
Equalizer
– Seven bands equalizer with 2nd order frequency response switch-capacitors filters.
– Center frequency programmable for lowest and highest filter.
– Programmable quality factor in four steps for each filter.
– ±15dB range with 1dB steps.
s
Spectrum analyzer
– seven bandpass 2nd order frequency response switch-capacitors filters
– Programmable quality factor for different visual appearance
– Analog output
– Controlled by external serial clock
s
High pass Filter
– 2nd order Butterworth high pass with programmable cut-off frequency
– Selectable flat-mode
s
Speakers
– 4 independent speaker controls with separate mute.
– Control range 95dB (+15...-79dB) in 1dB steps with soft step.
– 4 independent programmable mix inputs with 50% mixing ratio
s
Subwoofer
– Single-ended monaural output
– control range 95dB (+15...-79dB) in 1dB steps with soft step.
– separate mute
s
Mute functions
– direct mute
– digitally controlled Soft mute with 4 programmable mute-time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com