Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 14Page - STMicroelectronics TDA7406T Datasheet HTML 15Page - STMicroelectronics TDA7406T Datasheet HTML 16Page - STMicroelectronics TDA7406T Datasheet HTML 17Page - STMicroelectronics TDA7406T Datasheet HTML 18Page - STMicroelectronics TDA7406T Datasheet HTML 19Page - STMicroelectronics TDA7406T Datasheet HTML 20Page - STMicroelectronics TDA7406T Datasheet HTML 21Page - STMicroelectronics TDA7406T Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
TDA7406T
18/49
2.9 AC-coupling
In some applications additional signal manipulations are desired. For this purpose an AC-coupling is placed be-
fore the speaker-attenuators, which can be activated or internally shorted by I²C-Bus. In short condition the in-
put-signal of the speaker-attenuator is available at the AC-outputs. The input-impedance of this AC-inputs is
50k
Ω. In addition there are MixIn inputs available. With this inputs it is possible to mix an external signal to every
speaker with a mixing ratio of 50% (see Figure 15).
The source of front and rear speaker can be set independently. As source is possible to choose:
– internal dc coupling (not recommended)
– external ac coupling using ACIn pins
– external ac coupling using MixIn pins
– mixing of ACIn and MixIn pins (mixing ratio: 50%)
If the MixIn pins of the rear speaker are not used this inputs can be used as mixing inputs for the internal sub-
woofer filter.
Figure 15. AC/DC-coupling and MixIn Inputs
2.10 Speaker-Attenuator stage
Each of the four speakers and the subwoofer output has a separate volume control in the range: +15... -79dB
plus mute with a typical value of -90dB.
2.11 Output Mixer
A Mixing-stage is placed after each speaker gain/attenuator stage and can be set independently to mixing-
mode.
Having a full volume control for the Mix-signal in the range:+15... -79dB plus mute with a typical value of -90dB,
the stage offers a wide flexibility to adapt the mixing levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com