Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 35Page - STMicroelectronics TDA7406T Datasheet HTML 36Page - STMicroelectronics TDA7406T Datasheet HTML 37Page - STMicroelectronics TDA7406T Datasheet HTML 38Page - STMicroelectronics TDA7406T Datasheet HTML 39Page - STMicroelectronics TDA7406T Datasheet HTML 40Page - STMicroelectronics TDA7406T Datasheet HTML 41Page - STMicroelectronics TDA7406T Datasheet HTML 42Page - STMicroelectronics TDA7406T Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
39/49
TDA7406T
Table 11. Subwoofer Configuration / Spectrum Analyzer / HighPass (12)
Table 12. Configuration Audioprocessor I (13)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
Subwoofer Filter
off
80Hz
120Hz
160Hz
0
0
1
1
0
1
0
1
Subwoofer Coupling
AC using SWIn pin
AC using MixInR pins
AC using SWIn pin
DC
0
1
Spectrum Analyzer Q-Factor
3.5
1.8
0
1
High Pass Enable
Filter off
Filter on
0
0
1
1
0
1
0
1
High Pass Cut-Off-Frequency
90Hz
135Hz
180Hz
215Hz
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
CDC Input Mode
single ended
pseudo differential
0
1
CDC Input Gain
-6 dB
0 dB
0
1
SoftStep Volume
off
on
0
0
1
1
0
1
0
1
SoftStep Time
320µs
1.28ms
5.12ms
20.4ms
0
1
Loudness
flat
filter ON
0
1
Mixing Selector Tuner/TIM Switch
TIM
Tuner
0
1
Tuner Selection
AM
Stereodecoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com