Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 26Page - STMicroelectronics TDA7406T Datasheet HTML 27Page - STMicroelectronics TDA7406T Datasheet HTML 28Page - STMicroelectronics TDA7406T Datasheet HTML 29Page - STMicroelectronics TDA7406T Datasheet HTML 30Page - STMicroelectronics TDA7406T Datasheet HTML 31Page - STMicroelectronics TDA7406T Datasheet HTML 32Page - STMicroelectronics TDA7406T Datasheet HTML 33Page - STMicroelectronics TDA7406T Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
TDA7406T
30/49
4.8 Stereoblend Control
The stereoblend control block converts the internal LEVEL-voltage (LEVELSB) into an demodulator compatible
analog signal which is used to control the channel separation between 0dB and the maximum separation. Inter-
nally this control range has a fixed upper limit which is the internal reference voltage REF5V. The lower limit can
be programmed between 20 and 70% of REF5V in 3.3% steps (see figs.24, 25).
To adjust the external LEVEL-voltage to the internal range two values must be defined: the LEVEL gain LG and
VSBL (see fig. 25). At the point of full channel separation the external level signal has to be amplified so that
internally it becomes equal to REF5V. The second point (e.g. 10dB channel sep.) is then adjusted with the VSBL
voltage.
Figure 24. Internal stereoblend characteristics
The gain can be programmed through 4 bits in the “Stereodecoder-Adjustment”-byte. All necessary internal ref-
erence voltages like REF5V are derived from a bandgap circuit. Therefore they have a temperature coefficient
near zero.
Figure 25. Relation between internal and external LEVEL-voltages for setup of Stereoblend
70
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com