Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 24Page - STMicroelectronics TDA7406T Datasheet HTML 25Page - STMicroelectronics TDA7406T Datasheet HTML 26Page - STMicroelectronics TDA7406T Datasheet HTML 27Page - STMicroelectronics TDA7406T Datasheet HTML 28Page - STMicroelectronics TDA7406T Datasheet HTML 29Page - STMicroelectronics TDA7406T Datasheet HTML 30Page - STMicroelectronics TDA7406T Datasheet HTML 31Page - STMicroelectronics TDA7406T Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
TDA7406T
28/49
The stereodecoder-part of the TDA7406T (see Fig. 25) contains all functions necessary to demodulate the
MPX-signal like pilot tone-dependent MONO/STEREO-switching as well as “stereoblend” and “highcut”. Adap-
tations like programmable input gain, roll-off compensation, selectable de-emphasis time constant and a pro-
grammable field strength input allow to use different IF-devices.
4.1 Stereodecoder-Mute
The TDA7406T has a fast and easy to control RDS-Mute function which is a combination of the audioproces-
sor's SoftMute and the high-ohmic mute of the stereodecoder. If the stereodecoder is selected and a SoftMute
command is sent (or activated through the SM-pin) the stereodecoder will be set automatically to the high-ohmic
mute condition after the audio-signal has been soft muted. Hence a checking of alternate frequencies could be
performed. Additionally the PLL can be set to “Hold”-mode, which disables the PLL input during the mute time.
To release the system from the mute condition simply the unmute-command must be sent: the stereodecoder
is unmuted immediately and the audioprocessor is softly unmuted. Fig. 26 shows the output-signal VO as well
as the internal stereodecoder mute signal. This influence of SoftMute on the stereodecoder mute can be
switched off by setting bit 3 of the SoftMute byte to “0”. A stereodecoder mute command (bit 0, stereodecoder
byte set to “1”) will set the stereodecoder in any case independently to the high-ohmic mute state.
If any other source than the stereodecoder is selected the decoder remains muted and the MPX-pin is connect-
ed to Vref to avoid any discharge of the coupling capacitor through leakage currents. No further mute command
should be applied.
Figure 22. Signals during stereodecoder's SoftMute
Figure 23. Signal-Control via SoftMute-Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com