Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 20Page - STMicroelectronics TDA7406T Datasheet HTML 21Page - STMicroelectronics TDA7406T Datasheet HTML 22Page - STMicroelectronics TDA7406T Datasheet HTML 23Page - STMicroelectronics TDA7406T Datasheet HTML 24Page - STMicroelectronics TDA7406T Datasheet HTML 25Page - STMicroelectronics TDA7406T Datasheet HTML 26Page - STMicroelectronics TDA7406T Datasheet HTML 27Page - STMicroelectronics TDA7406T Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
TDA7406T
24/49
NOISE BLANKER PART
Features:
s
AM and FM mode
s
internal 2nd order 140kHz high-pass filter for MPX path
s
internal rectifier and filters for AM-IF path
s
programmable trigger thresholds
s
trigger threshold dependent on high frequency noise with programmable gain
s
additional circuits for deviation- and fieldstrength-dependent trigger adjustment
s
4 selectable pulse suppression times for each mode
s
programmable noise rectifier charge/discharge current
Table 3. ELECTRICAL CHARACTERISTICS
All parameters measured in FM mode if not otherwise specified.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTR
Trigger Threshold 1)
meas.with
VPEAK=0.9V
111
30
mVOP
110
35
mVOP
101
40
mVOP
100
45
mVOP
011
50
mVOP
010
55
mVOP
001
60
mVOP
000
65
mVOP
VTRNOISE
noise controlled
Trigger Threshold
meas.with
VPEAK=1.5V
00
260
mVOP
01
220
mVOP
10
180
mVOP
11
140
mVOP
VRECT
Rectifier Voltage
VMPX=0mV
0.5
0.9
1.3
V
VMPX=50mV, f=150kHz
1.5
1.7
2.1
V
VMPX=200mV, f=150kHz
2
2.5
2.9
V
VRECTDEV Deviation dependent
Rectifier Voltage
meas.with
VMPX=500mV
(75kHz dev.)
11
10
01
00
0.5
0.9
1.7
2.5
0.9 (off)
1.2
2.0
2.8
1.3
1.5
2.3
3.1
VOP
VOP
VOP
VOP
VRECTFS
Fieldstrength
controlled Rectifier
Voltage
meas.with
VMPX=0mV,
VLEVEL<< VSBL
(fully mono)
11
10
01
00
0.5
0.9
1.7
2.1
0.9 (off)
1.4
1.9
2.4
1.3
1.5
2.3
3.1
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com