Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406T Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 13Page - STMicroelectronics TDA7406T Datasheet HTML 14Page - STMicroelectronics TDA7406T Datasheet HTML 15Page - STMicroelectronics TDA7406T Datasheet HTML 16Page - STMicroelectronics TDA7406T Datasheet HTML 17Page - STMicroelectronics TDA7406T Datasheet HTML 18Page - STMicroelectronics TDA7406T Datasheet HTML 19Page - STMicroelectronics TDA7406T Datasheet HTML 20Page - STMicroelectronics TDA7406T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
17/49
TDA7406T
2.8 Spectrum analyzer
A fully integrated seven band spectrum analyzer with programmable quality factor is present in the IC (Figure
13).
The spectrum analyzer consists of seven band pass filters with a rectifier and sample capacitor which stores the
maximum peak signal level since the last read cycle. This peak signal level can be read by a microprocessor at
the SAout pin. To allow easy interfacing to a microprocessor analog port, the output voltage at this pin is referred
to device ground.
The microprocessor starts a read cycle when there is a clock edge going negative at the SA clk input. On the
following positive clock edges, the peak signal level for the band pass filters is subsequently switched to SAout.
Each analog output data is valid after the time tSAdel.
A reset of the sample capacitors is induced whenever SAclk remains high for the time tintres. Note that a proper
reset requires the clock signal SAclk to be held at high potential. Figure 13 shows the block diagram and Figure
14 illustrates the read cycle timing of the spectrum analyzer.
The spectrum analyzer minimum repeat time is 50ms.
2.8.1 Spectrum Analyzer Filters
Each filter is realized as a switched capacitor with a 2nd order frequency response. The center frequency of the
filter stages are: 62,157, 396, 1K, 2.51K, 6.34k and 16kHz. It is possible to choose between two different filter
quality factors: 1.8 and 3.5.
Figure 13. Spectrum analyzer block diagram
Figure 14. Timing spectrum analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com